Electronic Components Datasheet Search
  English  ▼

X  

WM8533 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8533 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8533 Datasheet HTML 1Page - Cirrus Logic WM8533 Datasheet HTML 2Page - Cirrus Logic WM8533 Datasheet HTML 3Page - Cirrus Logic WM8533 Datasheet HTML 4Page - Cirrus Logic WM8533 Datasheet HTML 5Page - Cirrus Logic WM8533 Datasheet HTML 6Page - Cirrus Logic WM8533 Datasheet HTML 7Page - Cirrus Logic WM8533 Datasheet HTML 8Page - Cirrus Logic WM8533 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
w
WM8533
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WOLFSON MICROELECTRONICS plc
Production Data, July 2012, Rev 4.0
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8533 is a stereo DAC with integral charge pump and
software control interface. This provides 2Vrms line driver
outputs using a 3.3V power supply rail.
The device features ground-referenced outputs and the use
of a DC servo to eliminate the need for line driving coupling
capacitors and effectively eliminate power on pops and
clicks.
The device is controlled and configured either via the
I2C/SPI compliant serial control interface or a hardware
control interface.
The device supports all common audio sampling rates
between 8kHz and 192kHz using all common MCLK / fs
ratios.
Master and slave modes are available and de-
emphasis is also supported.
The WM8533 has a 1.8 to 3.3V tolerant digital interface,
allowing logic up to 3.3V to be connected.
The device is available in a 1.842 x 1.772mm 20-ball WCSP.
FEATURES
High performance stereo DAC with ground referenced line
driver
Audio performance
106dB SNR (‘A-weighted’)
-89dB THD @ -1dBFS
Digital volume control ranging from -100dB to +12dB
120dB mute attenuation
All common sample rates from 8kHz to 192kHz supported
I
2C/SPI compatible and hardware control modes
Data formats: LJ, RJ, I
2S, DSP
De-emphasis supported
Maximum 1mV DC offset on line outputs
Pop/click suppressed power up/down sequencer
AVDD and LINEVDD +3.3V ±10% allowing single supply
DBVDD supply supports +1.8V or +3.3V digital I/O
1.842 x 1.772mm 20-ball WCSP
APPLICATIONS
Consumer digital audio applications requiring 2Vrms output
Set Top Box
Digital TV
DVD Players
Games Consoles
A/V Receivers
BLOCK DIAGRAM
LRCLK
DACDAT
LINEOUTL
LINEOUTR
DIGITAL
AUDIO
INTERFACE
DIGITAL
FILTERS
CONTROL
INTERFACE
LEFT
DAC
RIGHT
DAC
WM8533
BCLK
MCLK
CHARGE PUMP
W
LINEREF


Similar Part No. - WM8533

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8533 WOLFSON-WM8533 Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8533ECSN/R WOLFSON-WM8533ECSN/R Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
More results

Similar Description - WM8533

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
192kHz 24-Bit Stereo DAC with 2Vrms Output
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM8533 WOLFSON-WM8533 Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8523 WOLFSON-WM8523 Datasheet
618Kb / 51P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8524 WOLFSON-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM1824 WOLFSON-WM1824 Datasheet
330Kb / 24P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Cirrus Logic
WM1824 CIRRUS-WM1824 Datasheet
321Kb / 23P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8523 CIRRUS-WM8523 Datasheet
579Kb / 46P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com