Electronic Components Datasheet Search
  English  ▼

X  

WM8533 Datasheet(PDF) 33 Page - Cirrus Logic

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8533 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button WM8533 Datasheet HTML 29Page - Cirrus Logic WM8533 Datasheet HTML 30Page - Cirrus Logic WM8533 Datasheet HTML 31Page - Cirrus Logic WM8533 Datasheet HTML 32Page - Cirrus Logic WM8533 Datasheet HTML 33Page - Cirrus Logic WM8533 Datasheet HTML 34Page - Cirrus Logic WM8533 Datasheet HTML 35Page - Cirrus Logic WM8533 Datasheet HTML 36Page - Cirrus Logic WM8533 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Production Data
WM8533
w
PD, July 2012, Rev 4.0
33
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R4 (04h)
AIF_CTRL2
7:6
DAC_OP_MUX
[1:0]
00
Digital Monomix Control
00 = Stereo (Normal operation)
01 = Mono (Left data to DACR)
10 = Mono (Right data to DACL)
11 = Digital Monomix, (L+R)/2
Page 28
5:3
AIF_BCLKDIV
[2:0]
000
BCLK Divider Control (Master Mode)
000 = MCLK/4
001 = MCLK/8
010 = 32fs
011 = 64fs
100 = 128fs
101 to 111 = Reserved
Page 21
2:0
AIF_SR [2:0]
000
MCLK:LRCLK Ratio
000 = Auto detect
001 = 128fs
010 = 192fs
011 = 256fs
100 = 384fs
101 = 512fs
110 = 768fs
111 = 1152fs
Page 21
Register 04h AIF_CTRL2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R5 (05h)
DAC_CTRL3
4
DAC_ZC
0
Zero Cross Enable
0 = Do not use zero cross
1 = Use zero cross
Page 25
3
DACR_MUTE
0
Right DAC Mute
0 = Normal operation
1 = Mute
Page 27
2
DACL_MUTE
0
Left DAC Mute
0 = Normal operation
1 = Mute
Page 27
1
DAC_VOL_
UP_RAMP
0
DAC Digital Volume Increase Control
0 = Apply volume increases instantly (step)
1 = Ramp volume increases
Page 25
0
DAC_VOL_
DOWN_RAMP
1
DAC Digital Volume Decrease Control
0 = Apply volume decreases instantly (step)
1 = Ramp volume decreases
Page 25
Register 05h DAC_CTRL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com