Electronic Components Datasheet Search
  English  ▼

X  

WM8533 Datasheet(PDF) 31 Page - Cirrus Logic

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8533 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button WM8533 Datasheet HTML 27Page - Cirrus Logic WM8533 Datasheet HTML 28Page - Cirrus Logic WM8533 Datasheet HTML 29Page - Cirrus Logic WM8533 Datasheet HTML 30Page - Cirrus Logic WM8533 Datasheet HTML 31Page - Cirrus Logic WM8533 Datasheet HTML 32Page - Cirrus Logic WM8533 Datasheet HTML 33Page - Cirrus Logic WM8533 Datasheet HTML 34Page - Cirrus Logic WM8533 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Production Data
WM8533
w
PD, July 2012, Rev 4.0
31
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R0 (00h)
DEVICE_ID/
SW RESET
15:0
CHIP_ID [15:0] 1000_0101_0010_0011 Chip ID
Writing to this register resets all registers to
their default state.
Reading from this register will indicate the
Chip ID 8523h.
Page 18
Register 00h DEVICE_ID / SW RESET
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1 (01h)
REVISION
2:0
CHIP_REV [2:0]
001
Chip Revision
Indicates the Chip Revision number
Page 18
Register 01h REVISION
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R2 (02h)
PSCTRL1
1:0
SYS_ENA [1:0]
00
System Power Control
00 = Off
01 = Power down
10 = Power up (muted)
11 = Power up (unmuted)
Page 24
Register 02h PSCTRL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com