Electronic Components Datasheet Search
  English  ▼

X  

WM8761 Datasheet(PDF) 6 Page - Cirrus Logic

Part # WM8761
Description  24-bit 192kHz Stereo DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8761 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button WM8761 Datasheet HTML 2Page - Cirrus Logic WM8761 Datasheet HTML 3Page - Cirrus Logic WM8761 Datasheet HTML 4Page - Cirrus Logic WM8761 Datasheet HTML 5Page - Cirrus Logic WM8761 Datasheet HTML 6Page - Cirrus Logic WM8761 Datasheet HTML 7Page - Cirrus Logic WM8761 Datasheet HTML 8Page - Cirrus Logic WM8761 Datasheet HTML 9Page - Cirrus Logic WM8761 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
WM8761
Production Data
w
PD, Rev 4.6, October 2011
6
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply range
VDD
2.7
5.5
V
Ground
GND
0
V
Supply current
VDD = 5V
27
mA
Supply current
VDD = 3.3V
23
mA
Power down current (note 4)
VDD=3.3V
0.5
mA
ELECTRICAL CHARACTERISTICS
Test Conditions
VDD = 5V, GND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
IOL = 2mA
GND + 0.3V
V
Output HIGH
VOH
IOH = 2mA
VDD - 0.3V
V
Analogue Reference Levels
Reference voltage (CAP)
VDD/2
V
Potential divider resistance
RCAP
VDD to CAP and CAP
to GND
50k
DAC Output (Load = 10k
 50pF)
0dBFs Full scale output voltage
At DAC outputs
1.0 x
VDD/5
Vrms
SNR (Note 1,2,3)
A-weighted,
@ fs = 48kHz
94
100
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96kHz
97
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 192kHz
97
dB
SNR (Note 1,2,3)
A-weighted,
@ fs = 48kHz
VDD = 3.3V
95
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96kHz
VDD = 3.3V
95
dB
SNR (Note 1,2,3)
Non ‘A’ weighted @ fs =
48kHz
98
dB
THD (Note 3)
1kHz, 0dBFs
-90
-85
dB
Dynamic Range (Note 2)
1kHz, THD+N @
-60dBFs
90
100
dB
DAC channel separation
93
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com