Electronic Components Datasheet Search
  English  ▼

X  

WM8761 Datasheet(PDF) 19 Page - Cirrus Logic

Part # WM8761
Description  24-bit 192kHz Stereo DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8761 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button WM8761 Datasheet HTML 15Page - Cirrus Logic WM8761 Datasheet HTML 16Page - Cirrus Logic WM8761 Datasheet HTML 17Page - Cirrus Logic WM8761 Datasheet HTML 18Page - Cirrus Logic WM8761 Datasheet HTML 19Page - Cirrus Logic WM8761 Datasheet HTML 20Page - Cirrus Logic WM8761 Datasheet HTML 21Page - Cirrus Logic WM8761 Datasheet HTML 22Page - Cirrus Logic WM8761 Datasheet HTML 23Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
WM8761
Production Data
w
PD, Rev 4.6, October 2011
19
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
VDD
GND
CAP
C
6
C
5
AGND
8
7
Hardware Control
WM8761
Notes:
1. C2, C5 should be positioned as close to the WM8761 as possible.
2. Capacitor types should be carefully chosen. Capacitors with very low ESR are
recommended for optimum performance.
3. C3 and C4 not required if using the recommended low pass filter in Figure 20.
C
2
VDD
C
1
13
FORMAT
12
DEEMPH
VOUTR
9
C
3
VOUTL
C
4
AC-Coupled
VOUTR/L
to External LPF
10
MUTE
6
14
MCLK
3
BCKIN
2
DIN
Audio Serial Data I/F
AGND
1
LRCIN
5
+
+
Figure 22 External Component Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1
10
F
De-coupling for VDD
C2
0.1
F
De-coupling for VDD
C3 and C4
10
F
Output AC coupling caps to remove midrail DC level from outputs
C5
0.1
F
Reference de-coupling capacitors for CAP pin
C6
10
F
Table 7 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com