Electronic Components Datasheet Search
  English  ▼

X  

WM8761 Datasheet(PDF) 14 Page - Cirrus Logic

Part # WM8761
Description  24-bit 192kHz Stereo DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8761 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button WM8761 Datasheet HTML 10Page - Cirrus Logic WM8761 Datasheet HTML 11Page - Cirrus Logic WM8761 Datasheet HTML 12Page - Cirrus Logic WM8761 Datasheet HTML 13Page - Cirrus Logic WM8761 Datasheet HTML 14Page - Cirrus Logic WM8761 Datasheet HTML 15Page - Cirrus Logic WM8761 Datasheet HTML 16Page - Cirrus Logic WM8761 Datasheet HTML 17Page - Cirrus Logic WM8761 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
WM8761
Production Data
w
PD, Rev 4.6, October 2011
14
Figure 8 DSP ‘Late’ Mode Timing
Figure 9 DSP ‘Early’ Mode Timing
AUDIO DATA SAMPLING RATES
The master clock for WM8761 supports audio sampling rates from 128fs to 768fs, where fs is the
audio sampling frequency (LRCIN) typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz. The
master clock is used to operate the digital filters and the noise shaping circuits.
The WM8761 has a master clock detection circuit that automatically determines the relation
between the master clock frequency and the sampling rate (to within +/- 8 master clocks). If there
is a greater than 8 clocks error, the interface shuts down the DAC and mutes the output. The
master clock should be synchronised with LRCIN, although the WM8761 is tolerant of phase
differences or jitter on this clock.
SAMPLING
RATE
(LRCIN)
MASTER CLOCK FREQUENCY (MHz) (MCLK)
128FS
256fs
512fs
768fs
32kHz
4.096
8.192
16.384
24.576
44.1kHz
5.6448
11.2896
22.5792
33.8688
48kHz
6.144
12.288
24.576
36.864
96kHz
12.288
24.576
Unavailable
Unavailable
192kHz
24.576
Unavailable
Unavailable
Unavailable
Table 1 Master Clock Frequencies Versus Sampling Rate
For sample rate support of MCLK at 192fs and 384fs, please refer to the pin-compatible WM8761B
device.
LRCIN
BCKIN
DIN
Input Word Length (16 bits)
1/f
LEFT CHANNEL
1
2
1
1
LSB
MSB
16
2
1
1
RIGHT CHANNEL
NO VALID DATA
1
Max 4 BCKIN's
LRCIN
BCKIN
DIN
Input Word Length (16 bits)
1/f
LEFT CHANNEL
1
2
1
1
LSB
MSB
1
2
1
1
RIGHT CHANNEL
NO VALID DATA
1
1
max 4 BCKIN's



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com