Electronic Components Datasheet Search
  English  ▼

X  

WM8912 Datasheet(PDF) 76 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 72Page - Cirrus Logic WM8912 Datasheet HTML 73Page - Cirrus Logic WM8912 Datasheet HTML 74Page - Cirrus Logic WM8912 Datasheet HTML 75Page - Cirrus Logic WM8912 Datasheet HTML 76Page - Cirrus Logic WM8912 Datasheet HTML 77Page - Cirrus Logic WM8912 Datasheet HTML 78Page - Cirrus Logic WM8912 Datasheet HTML 79Page - Cirrus Logic WM8912 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
76
GENERAL PURPOSE INPUT/OUTPUT (GPIO)
The WM8912 provides two multi-function pins which can be configured to provide a number of
different functions. These are digital input/output pins on the DBVDD power domain. The GPIO pins
are:
IRQ/GPIO1
BCLK/GPIO4
Each general purpose I/O pin can be configured to be a GPIO input or configured as one of a number
of output functions. Signal de-bouncing can be selected on GPIO input pins for use with jack/button
detect applications. Table 51 lists the functions that are available on each of the GPIO pins.
GPIO PIN FUNCTION
GPIO PINS
IRQ / GPIO1
BCLK / GPIO4
GPIO input
(including jack/button detect)
Yes
Yes
GPIO output
Yes
Yes
BCLK
No
Yes
Interrupt (IRQ)
Yes
Yes
FLL Lock output
Yes
Yes
FLL Clock output
Yes
Yes
Table 51 GPIO Functions
IRQ/GPIO1
The IRQ/GPIO1 pin is configured using the register bits described in Table 52. By default, this pin is
IRQ output with pull-down resistor enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R121 (79h)
GPIO
Control 1
5
GPIO1_PU
0
GPIO1 pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
GPIO1_PD
1
GPIO1 pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
3:0
GPIO1_SEL [3:0]
0100
GPIO1 Function Select
0000 = GPIO input
0001 = Clock output
(f=SYSCLK/OPCLKDIV)
0010 = Logic '0' output
0011 = Logic '1' output
0100 = IRQ output (default)
0101 = FLL Lock output
0110 = Reserved
0111 = Reserved
1000 = Reserved
1001 = FLL Clock output
1010 to 1111 = Reserved
Table 52 IRQ/GPIO1 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com