Electronic Components Datasheet Search
  English  ▼

X  

ADG3245 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG3245
Description  2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3245 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG3245 Datasheet HTML 4Page - Analog Devices ADG3245 Datasheet HTML 5Page - Analog Devices ADG3245 Datasheet HTML 6Page - Analog Devices ADG3245 Datasheet HTML 7Page - Analog Devices ADG3245 Datasheet HTML 8Page - Analog Devices ADG3245 Datasheet HTML 9Page - Analog Devices ADG3245 Datasheet HTML 10Page - Analog Devices ADG3245 Datasheet HTML 11Page - Analog Devices ADG3245 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PRELIMINARY TECHNICAL DATA
REV. Pr
E
–8–
ADG3245
For the following load circuit and waveforms, the notation that
is used is VIN and VOUT where:
VV and V
V
or
VV and V
V
IN
A
OUT
B
IN
B
OUT
A
==
==
CONTROL
INPUT
BE
0V
tPLH
VOUT
VT
VIH
VH
VT
VL
tPLH
Figure 2. Propagation Delay
VCC
VIN
VOUT
CL
RL
RL
SW1
GND
2
VCC
RT
D.U.T.
PULSE
GENERATOR
NOTES
PULSE GENERATOR FOR ALL PULSES:
t
R
2.5ns,
tF 2.5ns,
FREQUENCY
10MHz
CL INCLUDES BOARD, STRAY, AND LOAD CAPACITANCES.
RT IS THE TERMINATION RESISTOR, SHOULD BE EQUAL TO ZOUT
OF THE PULSE GENERATOR.
Figure 1. Load Circuit
Test Conditions
Symbol
VCC = 3.3 V
± 0.3 V (SEL = V
CC)VCC = 2.5 V
± 0.2 V (SEL = V
CC)VCC = 3.3 V
± 0.3 V (SEL = 0 V) Unit
RL
500
500
500
Ω
V
300
150
150
mV
CL
50
30
30
pF
VT
1.5
0.9
0.9
V
TIMING MEASUREMENT INFORMATION
ENABLE
DISABLE
CONTROL INPUT
BE
VIN = 0V
VIN = VCC
VOUT
SW1 @ 2VCC
VOUT
SW1 @ GND
tPLZ
tPZH
tPHZ
tPZL
VT
0V
VCC
VT
VH
VH –V
VL
VL + V
VCC
0V
VT
VINH
0V
Figure 3. Enable and Disable Times
Table III. Switch Position
TEST
S1
tPLZ, tPZL
2
× V
CC
tPHZ, tPZH
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com