Electronic Components Datasheet Search
  English  ▼

X  

CS5480 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 45Page - Cirrus Logic CS5480 Datasheet HTML 46Page - Cirrus Logic CS5480 Datasheet HTML 47Page - Cirrus Logic CS5480 Datasheet HTML 48Page - Cirrus Logic CS5480 Datasheet HTML 49Page - Cirrus Logic CS5480 Datasheet HTML 50Page - Cirrus Logic CS5480 Datasheet HTML 51Page - Cirrus Logic CS5480 Datasheet HTML 52Page - Cirrus Logic CS5480 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
CS5480
DS980F3
49
6.6.18 Automatic Channel Select Level (IchanLEVEL ) – Page 16, Address 50
Default = 0x82 8F5C (1.02 or 2% minimum difference)
Sets the hysteresis level for automatic energy channel selection.
The channel select level register sets the hysteresis level for automatic energy channel selection. If the
most-positive value of P1AVG and P2AVG (I1RMS and I2RMS) is greater than IchanLEVEL multiplied by the
least-positive value, and is also greater than IchanMIN, the channel associated with the most-positive value
will be used. If not, the previous channel selection will remain.
The value in this register is an unsigned fixed-point value in the range of 0
value2.0, with the binary point
to the right of the MSB. A value of 1.0 or less indicates no hysteresis will be used.
6.6.19 Current Channel Minimum Amplitude (PMIN (IRMSMIN)) – Page 16, Address 56
Default = 0x00 624D (0.003)
Sets the minimum level for automatic energy channel selection.
The PMIN (IRMSMIN) register sets the minimum level for automatic energy channel selection. If the most-pos-
itive values of P1AVG (or I1RMS) register and P2AVG (or I2RMS) register is less than PMIN (IRMSMIN), the pre-
vious channel selection will remain in use.
It is a two's complement value in the range of -1.0
value1.0, with the binary point to the right of the MSB.
Negative values are not used.
6.6.20 No Load Threshold (LoadMIN) – Page 16, Address 58
Default = 0x00 0000
LoadMIN is used to set the no-load threshold for the anti-creep function.
When the magnitudes of PSUM and QSUM are less than LoadMIN, PSUM and QSUM are forced to zero. When
the magnitude of SSUM is less than LoadMIN, SSUM is forced to zero.
LoadMIN is a two’s complement value in the range of -1.0value1.0, with the binary point to the right of the
MSB. Negative values are not used.
MSB
LSB
20
2-1
2-2
2-3
2 -4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com