Electronic Components Datasheet Search
  English  ▼

X  

CS5480 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 25Page - Cirrus Logic CS5480 Datasheet HTML 26Page - Cirrus Logic CS5480 Datasheet HTML 27Page - Cirrus Logic CS5480 Datasheet HTML 28Page - Cirrus Logic CS5480 Datasheet HTML 29Page - Cirrus Logic CS5480 Datasheet HTML 30Page - Cirrus Logic CS5480 Datasheet HTML 31Page - Cirrus Logic CS5480 Datasheet HTML 32Page - Cirrus Logic CS5480 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
CS5480
DS980F3
29
6. HOST COMMANDS AND REGISTERS
6.1 Host Commands
The first byte sent to the CS5480 SDI/RX pin contains
the host command. Four types of host commands are
required to read and write registers and instruct the
calculation engine. The two most significant bits (MSBs)
of the host command defines the function to be
performed. The following table depicts the types of
commands.
Table 3. Command Format
6.1.1 Memory Access Commands
The CS5480 memory has 12-bit addresses and is
organized as P5 P4 P3 P2 P1 P0 A5 A4 A3 A2 A1 A0 in
64 pages of 64 addresses each. The higher 6 bits
specify the page number. The lower 6 bits specify the
address within the selected page.
6.1.1.1 Page Select
A page select command is designated by setting the two
MSBs of the command to binary ‘10’. The page select
command provides the CS5480 with the page number
of the register to access. Register read and write
commands access 1 of 64 registers within a specified
page. Subsequent register reads and writes can be
performed once the page has been selected.
Figure 20. Byte Sequence for Page Select
6.1.1.2 Register Read
A register read is designated by setting the two MSBs of
the command to binary ‘00’. The lower 6 bits of the
register read command are the lower 6 bits of the 12-bit
register address. After the register read command has
been received, the CS5480 will send 3 bytes of register
data onto the SDO/TX pin.
Figure 21. Byte Sequence for Register Read
6.1.1.3 Register Write
A register write command is designated by setting the
two MSBs of the command to binary ‘01’. The lower 6
bits of the register write command are the lower 6 bits of
the 12-bit register address. A register write command
must be followed by 3 bytes of data.
Figure 22. Byte Sequence for Register Write
6.1.2 Instructions
An instruction command is designated by setting the
two MSBs of the command to binary '11'. An Instruction
command will interrupt any process currently running
and initiate a new process in the CS5480.
Figure 23. Byte Sequence for Instructions
These new processes include calibration, power
control, and soft reset. The following table depicts the
types of instructions. Note that when the CS5480 is in
continuous conversion mode, an unexpected or invalid
instruction command could cause the device to stop
continuous conversion and enter an unexpected
operation mode. The host processor should keep
monitoring the CS5480 operation status and react
accordingly.
Table 4. Instruction Format
Function
Binary Value
Note
Register
Read
0 0 A5 A4 A3 A2 A1 A0
A[5:0] specifies the
register address.
Register
Write
0 1 A5 A4 A3 A2 A1 A0
Page Select
1 0 P5 P4 P3 P2 P1 P0
P[5:0] specifies the
page.
Instruction
1 1 C5 C4 C3 C2 C1 C0
C[5:0] specifies the
instruction.
SDI/RX
Page Select Cmd.
SDO/TX
SDI/RX
DATA
DATA
DATA
Read Cmd.
Function
Binary Value
Note
Controls
0 C4 C3 C2 C1 C0
0 00001 - Software Reset
0 00010 - Standby
0 00011 - Wakeup
0 10100 - Single Conv.
0 10101 - Continuous Conv.
0 11000 - Halt Conv.
C[5] specifies the
instruction type:
0 = Controls
1 = Calibrations
Calibrations
1 C4 C3 C2 C1 C0
1 00C2C1C0 DC Offset
1 10C2C1C0 AC Offset*
1 11C2C1C0 Gain
For calibrations,
C[4:3] specifies the
type of calibration.
*AC Offset calibra-
tion valid only for
current channel
1C4 C3 C2 C1 C0
1 C4C3 0 0 1
I1
1 C4C3 0 1 0
V1
1 C4C3 0 1 1
I2
1 C4C3 1 0 0
V2
1 C4C3 1 1 0
All Four
For calibrations,
C[2:0] specifies the
channel(s).
SDI/RX
DATA
DATA
DATA
Write Cmd.
SDI/RX
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com