Electronic Components Datasheet Search
  English  ▼

X  

CS5480 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5480 Datasheet HTML 1Page - Cirrus Logic CS5480 Datasheet HTML 2Page - Cirrus Logic CS5480 Datasheet HTML 3Page - Cirrus Logic CS5480 Datasheet HTML 4Page - Cirrus Logic CS5480 Datasheet HTML 5Page - Cirrus Logic CS5480 Datasheet HTML 6Page - Cirrus Logic CS5480 Datasheet HTML 7Page - Cirrus Logic CS5480 Datasheet HTML 8Page - Cirrus Logic CS5480 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
CS5480
DS980F3
5
1. OVERVIEW
The CS5480 is a CMOS power measurement integrated circuit that uses three
 analog-to-digital
converters to measure line voltage, two currents and temperature. It calculates active, reactive, and
apparent power as well as RMS voltage and current and peak voltage and current. It handles other
system-related functions, such as energy pulse generation, voltage sag and swell, overcurrent and
zero-crossing detection, and line frequency measurement.
The CS5480 is optimized to interface to current transformers, shunt resistors, or Rogowski coils for
current measurement and to resistive dividers or voltage transformers for voltage measurement. Two
full-scale ranges are provided on the current inputs to accommodate different types of current sensors.
The CS5480’s three differential inputs have a common-mode input range from analog ground (GNDA) to
the positive analog supply (VDDA).
An on-chip voltage reference (nominally 2.4 volts) is generated and provided at analog output, VREF±.
Three digital outputs (DO1, DO2, and DO3) provide a variety of output signals, and depending on the
mode selected, energy pulses, zero-crossings, or other choices.
The CS5480 includes a UART/SPI™ serial host interface to an external microcontroller. The serial select
(SSEL) pin is used to configure the serial port to be a SPI or UART. SPI signals include serial data input
(SDI), serial data output (SDO), and serial clock (SCLK). UART signals include serial data input (RX) and
serial data output (TX). A chip select (CS) signal allows multiple CS5480s to share the same serial
interface with the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com