Electronic Components Datasheet Search
  English  ▼

X  

WM8152 Datasheet(PDF) 14 Page - Cirrus Logic

Part # WM8152
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8152 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button WM8152 Datasheet HTML 10Page - Cirrus Logic WM8152 Datasheet HTML 11Page - Cirrus Logic WM8152 Datasheet HTML 12Page - Cirrus Logic WM8152 Datasheet HTML 13Page - Cirrus Logic WM8152 Datasheet HTML 14Page - Cirrus Logic WM8152 Datasheet HTML 15Page - Cirrus Logic WM8152 Datasheet HTML 16Page - Cirrus Logic WM8152 Datasheet HTML 17Page - Cirrus Logic WM8152 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
WM8152
Production Data
w
PD, Rev 4.3, August 2008
14
MCLK
VSMP
VS
R
S/CL (CDSREF = 00)
R
S/CL (CDSREF = 01)
R
S/CL (CDSREF = 10)
R
S/CL (CDSREF = 11)
Figure 9 Reset Sample and Clamp Timing
For CIS type sensor signals, non-CDS processing is used. In this case, the video level is processed
with respect to the voltage on pin VRLC/VBIAS, generated internally or externally as described
above. The VRLC/VBIAS pin is sampled by Rs at the same time as Vs samples the video level in this
mode; non-CDS processing is achieved by setting switch 2 in the lower position, CDS = 0.
OFFSET ADJUST AND PROGRAMMABLE GAIN
The output from the CDS block is a differential signal, which is added to the output of an 8-bit Offset
DAC to compensate for offsets and then amplified by an 8-bit PGA. The gain and offset can be set
for each of three colours by writing to control bits DACx[7:0] and PGAx[7:0] (where x can be R, G or
B).
In colour line-by-line mode the gain and offset coefficients that are applied to the PGA and offset
DAC can be multiplexed by control of the INTM[1:0] bits as shown in Table 2.
INTM[1:0]
DESCRIPTION
00
Red offset and gain registers are applied to offset DAC and PGA
(DACR[7:0] and PGAR[7:0])
01
Green offset and gain registers applied to offset DAC and PGA
(DACG[7:0] and PGAG[7:0])
10
Blue offset and gain registers applied to offset DAC and PGA
(DACB[7:0] and PGAB[7:0])
11
Reserved.
Table 2 Offset DAC and PGA Register Control
The gain characteristic of the WM8152 PGA is shown in Figure 10. Figure 11 shows the maximum
input voltage (at VINP) that can be gained up to match the ADC full-scale input range (2.5V).
0
1
2
3
4
5
6
7
8
9
0
64
128
192
256
GAIN REGISTER VALUE, PGA[7:0]
0
0.5
1
1.5
2
2.5
3
3.5
0
64
128
192
256
GAIN REGISTER VALUE, PGA[7:0]
Figure 10 PGA Gain Characteristic
Figure 11 Peak Input Voltage to Match ADC Full-scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com