Electronic Components Datasheet Search
  English  ▼

X  

WM8152 Datasheet(PDF) 15 Page - Cirrus Logic

Part # WM8152
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8152 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button WM8152 Datasheet HTML 11Page - Cirrus Logic WM8152 Datasheet HTML 12Page - Cirrus Logic WM8152 Datasheet HTML 13Page - Cirrus Logic WM8152 Datasheet HTML 14Page - Cirrus Logic WM8152 Datasheet HTML 15Page - Cirrus Logic WM8152 Datasheet HTML 16Page - Cirrus Logic WM8152 Datasheet HTML 17Page - Cirrus Logic WM8152 Datasheet HTML 18Page - Cirrus Logic WM8152 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Production Data
WM8152
w
PD, Rev 4.3, August 2008
15
Range
ADC INPUT BLACK LEVEL ADJUST
The output from the PGA should be offset to match the full-scale range of the ADC (VFS = 2.5V). For
negative-going input video signals, a black level (zero differential) output from the PGA should be
offset to the top of the ADC range by setting register bits PGAFS[1:0]=10. For positive going input
signal the black level should be offset to the bottom of the ADC range by setting PGAFS[1:0]=11.
Bipolar input video is accommodated by setting PGAFS[1:0]=00 or PGAFS[1:0]=01 (zero differential
input voltage gives mid-range ADC output).
OVERALL SIGNAL FLOW SUMMARY
Figure 12 represents the processing of the video signal through the WM8152.
V
RESET
V
VRLC
V
3
CDS = 1
CDS = 0
VRLCEXT=1
260mV*(DAC[7:0]-127.5)/127.5
analog
-
X
++
V
RLCSTEP*RLCV[3:0] + VRLCBOT
OP[3:0]
D
1
digital
ADC BLOCK
PGA
BLOCK
OFFSET DAC
BLOCK
INPUT
SAMPLING
BLOCK
D
2
CDS, VRLCEXT,RLCV[3:0], DAC[7:0],
PGA[7:0], PGAFS[1:0] and INVOP are set
by programming internal control registers.
CDS=1 for CDS, 0 for non-CDS
V
IN is VINP voltage sampled on video sample
V
RESET is VINP sampled during reset clamp
V
VRLC is voltage applied to VRLC pin
V
IN
x (65535/V
FS)
+0
if PGAFS[1:0]=11
+65535 if PGAFS[1:0]=10
+32767 if PGAFS[1:0]=0x
PGA gain
A = 0.78+(PGA[7:0]*7.57)/255
OUTPUT
INVERT
BLOCK
D2 = D1 if INVOP = 0
D2 =65535-D1 if INVOP = 1
Offset
DAC
RLC
DAC
+
V
2
V
1
VRLCEXT=0
Figure 12 Overall Signal Flow
The INPUT SAMPLING BLOCK produces an effective input voltage V1. For CDS, this is the
difference between the input video level VIN and the input reset level VRESET. For non-CDS this is the
difference between the input video level VIN and the voltage on the VRLC/VBIAS pin, VVRLC,
optionally set via the RLC DAC.
The OFFSET DAC BLOCK then adds the amount of fine offset adjustment required to move the
black level of the input signal towards 0V, producing V2.
The PGA BLOCK then amplifies the white level of the input signal to maximise the ADC range,
outputting voltage V3.
The ADC BLOCK then converts the analogue signal, V3, to a 16-bit unsigned digital output, D1.
The digital output is then inverted, if required, through the OUTPUT INVERT BLOCK to produce D2.
CALCULATING OUTPUT FOR ANY GIVEN INPUT
The following equations describe the processing of the video and reset level signals through
the WM8152. The values of V1 V2 and V3 are often calculated in reverse order during device
setup. The PGA value is written first to set the input Voltage range, the Offset DAC is then
adjusted to compensate for any Black/Reset level offsets and finally the RLC DAC value is
set to position the reset level correctly during operation.
Note: Refer to WAN0123 for detailed information on device calibration procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com