Electronic Components Datasheet Search
  English  ▼

X  

WM8152 Datasheet(PDF) 25 Page - Cirrus Logic

Part # WM8152
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8152 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button WM8152 Datasheet HTML 20Page - Cirrus Logic WM8152 Datasheet HTML 21Page - Cirrus Logic WM8152 Datasheet HTML 22Page - Cirrus Logic WM8152 Datasheet HTML 23Page - Cirrus Logic WM8152 Datasheet HTML 24Page - Cirrus Logic WM8152 Datasheet HTML 25Page - Cirrus Logic WM8152 Datasheet HTML 26Page - Cirrus Logic WM8152 Datasheet HTML 27Page - Cirrus Logic WM8152 Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Production Data
WM8152
w
PD, Rev 4.3, August 2008
25
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
0
VSMPDET
0
0 = Normal operation, signal on VSMP input pin is applied directly to
Timing Control block.
1 = Programmable VSMP detect circuit is enabled. An internal
synchronisation pulse is generated from signal applied to VSMP input pin
and is applied to Timing Control block.
3:1
VDEL[2:0]
000
When VSMPDET = 0 these bits have no effect.
When VSMPDET = 1 these bits set a programmable delay from the
detected edge of the signal applied to the VSMP pin. The internally
generated pulse is delayed by VDEL MCLK periods from the detected
edge.
See Figure 17, Internal VSMP Pulses Generated for details.
Setup
Register 5
4
POSNNEG
0
When VSMPDET = 0 this bit has no effect.
When VSMPDET = 1 this bit controls whether positive or negative edges
are detected:
0 = Negative edge on VSMP pin is detected and used to generate internal
timing pulse.
1 = Positive edge on VSMP pin is detected and used to generate internal
timing pulse.
See Figure 17 for further details.
7:5
Reserved
000
Must be set to zero
0 = Normal Operation, OP[3:0] output ADC data.
1 = Internal Clock Test Mode. This allows internal timing signals to be
multiplexed onto the OP[3:0] pins as follows.
PIN
TCLK=0
TCLK=1
OP[3]
OP[3]
INTVSMP
OP[2]
OP[2]
Video sample clock
OP[1]
OP[1]
ADC clock
Test
Register 1
7
TCLK
0
OP[0]
OP[0]
Reset sample clock
Offset DAC
(Red)
7:0
DACR[7:0]
10000000
Red channel offset DAC value. Used under control of the INTM[1:0]
control bits.
Offset DAC
(Green)
7:0
DACG[7:0]
10000000
Green channel offset DAC value. Used under control of the INTM[1:0]
control bits.
Offset DAC
(Blue)
7:0
DACB[7:0]
10000000
Blue channel offset DAC value. Used under control of the INTM[1:0]
control bits.
Offset DAC
(RGB)
7:0
DAC[7:0]
A write to this register location causes the red, green and blue offset DAC
registers to be overwritten by the new value
PGA gain
(Red)
7:0
PGAR[7:0]
00000000
Determines the gain of the red channel PGA according to the equation:
Red channel PGA gain = [0.78+(PGAR[7:0]*7.57)/255]. Used under
control of the INTM[1:0] control bits.
PGA gain
(Green)
7:0
PGAG[7:0]
00000000
Determines the gain of the green channel PGA according to the equation:
Green channel PGA gain = [0.78+(PGAG[7:0]*7.57)/255]. Used under
control of the INTM[1:0] control bits.
PGA gain
(Blue)
7:0
PGAB[7:0]
00000000
Determines the gain of the blue channel PGA according to the equation:
Blue channel PGA gain = [0.78+(PGAB[7:0]*7.57)/255]. Used under
control of the INTM[1:0] control bits.
PGA gain
(RGB)
7:0
PGA[7:0]
A write to this register location causes the red, green and blue PGA gain
registers to be overwritten by the new value
Table 6 Register Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com