Electronic Components Datasheet Search
  English  ▼

X  

WM8214 Datasheet(PDF) 9 Page - Cirrus Logic

Part # WM8214
Description  40MSPS 16-bit CCD Digitiser
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8214 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button WM8214 Datasheet HTML 5Page - Cirrus Logic WM8214 Datasheet HTML 6Page - Cirrus Logic WM8214 Datasheet HTML 7Page - Cirrus Logic WM8214 Datasheet HTML 8Page - Cirrus Logic WM8214 Datasheet HTML 9Page - Cirrus Logic WM8214 Datasheet HTML 10Page - Cirrus Logic WM8214 Datasheet HTML 11Page - Cirrus Logic WM8214 Datasheet HTML 12Page - Cirrus Logic WM8214 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Production Data
WM8214
w
PD, Rev 4.4, August 2008
9
Figure 3 Single-channel CDS Input Video Timing
Notes:
1. The relationship between input video and sampling is controlled by VSMP and RSMP.
2. When VSMP is high the input video signal is connected to the Video sampling capacitors.
3. When RSMP is high the input video signal is connected to the Reset sampling capacitors.
4. RSMP must not go high before the first falling edge of MCLK after VSMP goes low.
5. It is required that the falling edge of VSMP should occur before the rising edge of MCLK.
6. In 1-channel CDS mode it is not possible to have a equally spaced Video and Reset sample points with a 40MHz MCLK
7. Non-CDS operation is also possible; RSMP is not required in this mode.
Test Conditions
AVDD = DVDD1 = DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C, MCLK = 40MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MCLK period
tPER
25
ns
MCLK high period
tMCLKH
11.3
12.5
ns
MCLK low period
tMCLKL
11.3
12.5
ns
RSMP pulse high time
tRSD
5
ns
VSMP pulse high time
tVSD
5
ns
RSMP falling to VSMP rising time
tRSFVSR
0
ns
MCLK rising to VSMP rising time
tMRVSR
3
ns
MCLK falling to VSMP falling time
tMFVSF
5
ns
VSMP falling to MCLK rising time 2
tVSFMR
1
ns
1st MCLK falling edge after VSMP falling
to RSMP rising time
tMF1RS
1
ns
3-channel mode pixel rate
tPR3
75
ns
2-channel mode pixel rate
tPR2
50
ns
1-channel mode pixel rate
tPR1
25
ns
Output propagation delay
tPD
5
10
ns
Output latency. From 1st rising edge of
MCLK after VSMP falling to data output
LAT
7
MCLK
periods
Notes:
1.
Parameters are measured at 50% of the rising/falling edge.
2.
In Single-Channel mode, if the VSMP falling edge is placed more than 3ns before the rising edge of MCLK the output
amplitude of the WM8214 will decrease.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com