Electronic Components Datasheet Search
  English  ▼

X  

WM8214 Datasheet(PDF) 32 Page - Cirrus Logic

Part # WM8214
Description  40MSPS 16-bit CCD Digitiser
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8214 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button WM8214 Datasheet HTML 28Page - Cirrus Logic WM8214 Datasheet HTML 29Page - Cirrus Logic WM8214 Datasheet HTML 30Page - Cirrus Logic WM8214 Datasheet HTML 31Page - Cirrus Logic WM8214 Datasheet HTML 32Page - Cirrus Logic WM8214 Datasheet HTML 33Page - Cirrus Logic WM8214 Datasheet HTML 34Page - Cirrus Logic WM8214 Datasheet HTML 35Page - Cirrus Logic WM8214 Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
WM8214
Production Data
w
PD, Rev 4.4, August 2008
32
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
0
LINEBYLINE
0
Selects line by line operation. Line by line operation is intended for use with
systems which operate one line at a time but with up to three colours shared
on that one output.
0 = normal operation,
1 = line by line operation.
When line by line operation is selected MONO is forced to 1 and CHAN[1:0] to
00 internally, ensuring that the correct internal timing signals are produced.
Green and Blue PGAs are also disabled to save power.
1
ACYC
0
When LINEBYLINE = 0 this bit has no effect.
When LINEBYLINE = 1 this bit determines the function of the RSMP input pin
and the offset/gain register controls.
0 = RSMP pin enabled for either reset sampling (CDS) or Reset Level Clamp
control. Internal selection of gain/offset multiplexers using INTM[1:0] register
bits.
1 = Auto-cycling enabled by pulsing the RSMP input pin. This means that
each time a pulse is applied to this pin the single input channel will switch to
the next offset register and gain register in the sequence. The sequence is
Red->Green->Blue->Red… offset and gain registers applied to the red input
channel.
When auto-cycling is enabled, the RSMP pin cannot be used to control reset
level clamping. The CLMPCTRL bit may be used instead (enabled when high,
disabled when low).
NB, when auto-cycling is enabled, the RSMP pin cannot be used for reset
sampling (i.e. CDS must be set to 0).
3:2
INTM[1:0]
00
When LINEBYLINE=0 or ACYC=1 this bit has no effect.
When LINEBYLINE=1 and ACYC=0:
Controls the PGA/offset mux selector:
00 = Red PGA/Offset registers applied to input channel
01 = Green PGA/Offset registers applied to input channel
10 = Blue PGA/Offset registers applied to input channel
11 = Reserved.
Setup
Register 4
7:4
Reserved
0000
Must be set to 0
0
REDPD
0
When set powers down red S/H, PGA
1
GRNPD
0
When set powers down green S/H, PGA
2
BLUPD
0
When set powers down blue S/H, PGA
3
ADCPD
0
When set powers down ADC. Allows reduced power consumption without
powering down the references which have a long time constant when
switching on/off due to the external decoupling capacitors.
4
VRLCDACPD
0
When set powers down 4-bit RLCDAC, setting the output to a high impedance
state and allowing an external reference to be driven in on the VRLC/VBIAS
pin.
5
ADCREFPD
0
When set disables VRT, VRB buffers to allow external references to be used.
6
VRXPD
0
When set disables VRX buffer to allow an external reference to be used.
Setup
Register 5
7
Reserved
0
Must be set to 0
0
VSMPDET
0
When LEGACY=0 this register bit has no effect.
When LEGACY=1:
0 = Normal operation, signal on VSMP input pin is applied directly to Timing
Control block.
1 = Programmable VSMP detect circuit is enabled. An internal synchronisation
pulse is generated from signal applied to VSMP input pin and is applied to
Timing Control block in place of VSMP.
Setup
Register 6
3:1
VDEL[2:0]
000
When LEGACY=0 or VSMPDET=0 these bits have no effect.
The VDEL bits set a programmable delay from the detected edge of the signal
applied to the VSMP pin. The internally generated pulse is delayed by VDEL
MCLK periods from the detected edge.
See Figure 20, Internal VSMP Pulses Generated for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com