Electronic Components Datasheet Search
  English  ▼

X  

WM8253 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8253
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8253 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8253 Datasheet HTML 1Page - Cirrus Logic WM8253 Datasheet HTML 2Page - Cirrus Logic WM8253 Datasheet HTML 3Page - Cirrus Logic WM8253 Datasheet HTML 4Page - Cirrus Logic WM8253 Datasheet HTML 5Page - Cirrus Logic WM8253 Datasheet HTML 6Page - Cirrus Logic WM8253 Datasheet HTML 7Page - Cirrus Logic WM8253 Datasheet HTML 8Page - Cirrus Logic WM8253 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
w
WM8253
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, August 2011, Rev 4.1
Copyright
2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8253 is a 16-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 6MSPS.
The device includes a complete signal processing channel
containing
Reset
Level
Clamping,
Correlated
Double
Sampling, Programmable Gain and Offset adjust functions.
Internal multiplexers allow fast switching of offset and gain
for line-by-line colour processing. The output from this
channel is time multiplexed into a high-speed 16-bit
Analogue to Digital Converter. The digital output data is
available in 4-bit wide multiplexed format.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Reset Level Clamping to clamp CCD
signals. An external reference level may also be supplied.
ADC references are generated internally, ensuring optimum
performance from the device.
The device uses an analogue supply voltage of 3.3V and a
digital interface supply of between 2.5V and 3.3V.
The
WM8253 typically only consumes 132mW when operating
from a single 3.3V supply.
FEATURES
16-bit ADC
6MSPS conversion rate
Low power - 132mW typical
3.3V single supply or 3.3V/2.5V dual supply operation
Single channel operation
Correlated double sampling
Programmable gain (8-bit resolution)
Programmable offset adjust (8-bit resolution)
Programmable clamp voltage
4-bit wide multiplexed data output format
Internally generated voltage references
20-lead SSOP package
Serial control interface
APPLICATIONS
Flatbed and sheetfeed scanners
USB compatible scanners
Multi-function peripherals
High-performance CCD sensor interface
BLOCK DIAGRAM
VRLC/VBIAS
VSMP
MCLK
SCK
TIMING GENERATION AND CONTROL
CL
RLC
V
S
R
S
VRT
VRB
CDS
4
CONFIGURABLE
SERIAL
CONTROL
INTERFACE
16-BIT
ADC
AGND2
DGND
AVDD
OP[0]
OP[1]
OP[2]
OP[3]/SDO
VREF/BIAS
PGA
I/P SIGNAL
POLARITY
ADJUST
DATA
I/O
PORT
DVDD1
WM8253
OFFSET
DAC
+
+
MUX
8
MUX
8
RG
B
RG
B
RLC
DAC
VINP
SDI
SEN
AGND1
DVDD2


Similar Part No. - WM8253

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8253 WOLFSON-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8253SCDS/RV WOLFSON-WM8253SCDS/RV Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8253SCDS/V WOLFSON-WM8253SCDS/V Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results

Similar Description - WM8253

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8150 WOLFSON-WM8150 Datasheet
271Kb / 24P
SINGLE CHANNEL 12 BIT CIS/CCD AFE WITH 4 BIT WIDE OUTPUT
WM8152 WOLFSON-WM8152 Datasheet
284Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8150 WOLFSON-WM8150_05 Datasheet
299Kb / 26P
Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8253 WOLFSON-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Cirrus Logic
WM8152 CIRRUS-WM8152 Datasheet
418Kb / 28P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8259 CIRRUS-WM8259 Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com