Electronic Components Datasheet Search
  English  ▼

X  

WM8253 Datasheet(PDF) 27 Page - Cirrus Logic

Part # WM8253
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8253 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button WM8253 Datasheet HTML 19Page - Cirrus Logic WM8253 Datasheet HTML 20Page - Cirrus Logic WM8253 Datasheet HTML 21Page - Cirrus Logic WM8253 Datasheet HTML 22Page - Cirrus Logic WM8253 Datasheet HTML 23Page - Cirrus Logic WM8253 Datasheet HTML 24Page - Cirrus Logic WM8253 Datasheet HTML 25Page - Cirrus Logic WM8253 Datasheet HTML 26Page - Cirrus Logic WM8253 Datasheet HTML 27Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
WM8253
Production Data
w
PD, Rev 4.1, August 2011
27
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
18/09/07
4.0
JP
Page 6
Changed minimum ADC Full-Scale Error from -50mV to -60mV
Changed maximum ADC Full-Scale Error from +50mV to +60mV
Changed the minimum value of PGA’s maximum gain from 8.0 to 8.2
Changed the maximum value of PGA’s maximum gain from 8.7 to 8.8
Changed the maximum value of PGA’s minimum gain from 0.84 to 0.87
29/08/11
4.1
AA
Page 22
Register Map Description:
Setup Register 1 (6) – deleted INTRLC =1 from description
Setup Register 4 (3) – changed RLCINT to INTRLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com