Electronic Components Datasheet Search
  English  ▼

X  

WM8253 Datasheet(PDF) 14 Page - Cirrus Logic

Part # WM8253
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8253 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button WM8253 Datasheet HTML 10Page - Cirrus Logic WM8253 Datasheet HTML 11Page - Cirrus Logic WM8253 Datasheet HTML 12Page - Cirrus Logic WM8253 Datasheet HTML 13Page - Cirrus Logic WM8253 Datasheet HTML 14Page - Cirrus Logic WM8253 Datasheet HTML 15Page - Cirrus Logic WM8253 Datasheet HTML 16Page - Cirrus Logic WM8253 Datasheet HTML 17Page - Cirrus Logic WM8253 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
WM8253
Production Data
w
PD, Rev 4.1, August 2011
14
CALCULATING OUTPUT FOR ANY GIVEN INPUT
The following equations describe the processing of the video and reset level signals through
the WM8253.
INPUT SAMPLING BLOCK: INPUT SAMPLING AND REFERENCING
If CDS = 1, (i.e. CDS operation) the previously sampled reset level, VRESET, is subtracted from the
input video.
V1
=
VIN - VRESET ...................................................................... Eqn. 1
If CDS = 0, (non-CDS operation) the simultaneously sampled voltage on pin VRLC is subtracted
instead.
V1
=
VIN - VVRLC ....................................................................... Eqn. 2
If VRLCEXT = 1, VVRLC is an externally applied voltage on pin VRLC/VBIAS.
If VRLCEXT = 0, VVRLC is the output from the internal RLC DAC.
VVRLC
=
(VRLCSTEP  RLCV[3:0]) + VRLCBOT ..................................... Eqn. 3
VRLCSTEP is the step size of the RLC DAC and VRLCBOT is the minimum output of the RLC DAC.
OFFSET DAC BLOCK: OFFSET (BLACK-LEVEL) ADJUST
The resultant signal V1 is added to the Offset DAC output.
V2
=
V1 + {260mV  (DAC[7:0]-127.5) } / 127.5 ...................... Eqn. 4
PGA NODE: GAIN ADJUST
The signal is then multiplied by the PGA gain,
V3
=
V2  [0.78+(PGA[7:0]*7.57)/255] ..................................... Eqn. 5
ADC BLOCK: ANALOGUE-DIGITAL CONVERSION
The analogue signal is then converted to a 16-bit unsigned number, with input range configured by
PGAFS[1:0].
D1[15:0] = INT{ (V3 /VFS)  65535} + 32767 PGAFS[1:0] = 00 or 01 ...... Eqn. 6
D1[15:0] = INT{ (V3 /VFS)  65535}
PGAFS[1:0] = 11 ................
Eqn. 7
D1[15:0] = INT{ (V3 /VFS)  65535} + 65535 PGAFS[1:0] = 10 ................ Eqn. 8
where the ADC full-scale range, VFS = 2.0V
if D1[15:0] < 0
D1[15:0] = 0
if D1[15:0] > 65535 D1[15:0] = 65535
OUTPUT INVERT BLOCK: POLARITY ADJUST
The polarity of the digital output may be inverted by control bit INVOP.
D2[15:0] = D1[15:0]
(INVOP = 0) .......................
Eqn. 9
D2[15:0] = 65535 – D1[15:0]
(INVOP = 1) .......................
Eqn. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com