Electronic Components Datasheet Search
  English  ▼

X  

WM8259 Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM8259
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8259 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM8259 Datasheet HTML 4Page - Cirrus Logic WM8259 Datasheet HTML 5Page - Cirrus Logic WM8259 Datasheet HTML 6Page - Cirrus Logic WM8259 Datasheet HTML 7Page - Cirrus Logic WM8259 Datasheet HTML 8Page - Cirrus Logic WM8259 Datasheet HTML 9Page - Cirrus Logic WM8259 Datasheet HTML 10Page - Cirrus Logic WM8259 Datasheet HTML 11Page - Cirrus Logic WM8259 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
WM8259
Production Data
w
PD Rev 4.2 April 2007
8
INPUT VIDEO SAMPLING
Figure 1 Input Video Timing
Note:
1.
See Page 15 (Programmable VSMP Detect Circuit) for video sampling description.
Test Conditions
AVDD = DVDD1 = DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C, MCLK = 18MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MCLK period
tPER
55.5
ns
MCLK high period
tMCLKH
25
ns
MCLK low period
tMCLKL
25
ns
VSMP period
tVPER
300
ns
VSMP set-up time
tVSMPSU
6
ns
VSMP hold time
tVSMPH
3
ns
Video level set-up time
tVSU
10
ns
Video level hold time
tVH
3
ns
Reset level set-up time
tRSU
10
ns
Reset level hold time
tRH
3
ns
Notes:
1.
tVSU and tRSU denote the set-up time required after the input video signal has settled.
2.
Parameters are measured at 50% of the rising/falling edge.
MCLK
VSMP
INPUT
VIDEO
t
PER
t
VSMPSU
t
VSMPH
t
VSU
t
VH
t
RSU
t
RH
t
MCLKL
t
MCLKH
t
VPER
t
RSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com