Electronic Components Datasheet Search
  English  ▼

X  

WM8259 Datasheet(PDF) 14 Page - Cirrus Logic

Part # WM8259
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8259 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button WM8259 Datasheet HTML 10Page - Cirrus Logic WM8259 Datasheet HTML 11Page - Cirrus Logic WM8259 Datasheet HTML 12Page - Cirrus Logic WM8259 Datasheet HTML 13Page - Cirrus Logic WM8259 Datasheet HTML 14Page - Cirrus Logic WM8259 Datasheet HTML 15Page - Cirrus Logic WM8259 Datasheet HTML 16Page - Cirrus Logic WM8259 Datasheet HTML 17Page - Cirrus Logic WM8259 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
WM8259
Production Data
w
PD Rev 4.2 April 2007
14
VVRLC
=
(VRLCSTEP
∗ RLCV[3:0]) + VRLCBOT ................................. Eqn. 3
VRLCSTEP is the step size of the RLC DAC and VRLCBOT is the minimum output of the RLC DAC.
OFFSET DAC BLOCK: OFFSET (BLACK-LEVEL) ADJUST
The resultant signal V1 is added to the Offset DAC output.
V2
=
V1 + {260mV
∗ (DAC[7:0]-127.5) } / 127.5 ..................... Eqn. 4
PGA NODE: GAIN ADJUST
The signal is then multiplied by the PGA gain,
V3
=
V2
∗ [0.78+(PGA[7:0]*7.57)/255] ................................... Eqn. 5
ADC BLOCK: ANALOGUE-DIGITAL CONVERSION
The analogue signal is then converted to a 16-bit unsigned number, with input range configured by
PGAFS[1:0].
D1[15:0] = INT{ (V3 /VFS)
∗ 65535} + 32767 PGAFS[1:0] = 00 or 01 ...... Eqn. 6
D1[15:0] = INT{ (V3 /VFS)
∗ 65535}
PGAFS[1:0] = 11 ...............
Eqn. 7
D1[15:0] = INT{ (V3 /VFS)
∗ 65535} + 65535 PGAFS[1:0] = 10 ............... Eqn. 8
where the ADC full-scale range, VFS = 2.0V
if D1[15:0] < 0
D1[15:0] = 0
if D1[15:0] > 65535 D1[15:0] = 65535
OUTPUT INVERT BLOCK: POLARITY ADJUST
The polarity of the digital output may be inverted by control bit INVOP.
D2[15:0] = D1[15:0]
(INVOP = 0) ......................
Eqn. 9
D2[15:0] = 65535 – D1[15:0]
(INVOP = 1) ......................
Eqn. 10
OUTPUT DATA FORMAT
The digital data output from the ADC is available to the user in 4-bit wide multiplexed. Latency of
valid output data with respect to VSMP is programmable by writing to control bits DEL[1:0]. The
latency for each mode is shown in the Operating Mode Timing Diagrams section.
Figure 10 shows the output data formats for all modes.
Table 2 summarises the output data
obtained for each format.
MCLK
4+4+4+4-BIT
OUTPUT
AB
C
D
Figure 10 Output Data Formats (Modes 1, 3, 4)
OUTPUT
FORMAT
OUTPUT
PINS
OUTPUT
4+4+4+4-bit
(nibble)
OP[3:0]
A = d15, d14, d13, d12
B = d11, d10, d9, d8
C = d7, d6, d5, d4
D = d3, d2, d1, d0
Table 2 Details of Output Data Shown in Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com