Electronic Components Datasheet Search
  English  ▼

X  

WM8259 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8259
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8259 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8259 Datasheet HTML 1Page - Cirrus Logic WM8259 Datasheet HTML 2Page - Cirrus Logic WM8259 Datasheet HTML 3Page - Cirrus Logic WM8259 Datasheet HTML 4Page - Cirrus Logic WM8259 Datasheet HTML 5Page - Cirrus Logic WM8259 Datasheet HTML 6Page - Cirrus Logic WM8259 Datasheet HTML 7Page - Cirrus Logic WM8259 Datasheet HTML 8Page - Cirrus Logic WM8259 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
w
WM8259
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, April 2007, Rev 4.2
Copyright
©2007 Wolfson Microelectronics plc
DESCRIPTION
The WM8259 is a 16-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 3MSPS.
The device has two selectable video input pins and one
complete analogue signal processing channel containing
Reset
Level
Clamping,
Correlated
Double
Sampling,
Programmable Gain and Offset adjust functions. Internal
multiplexers allow fast switching of offset and gain for line-
by-line colour processing. The output from this channel is
time multiplexed into a high-speed 16-bit Analogue to Digital
Converter. The digital output data is available in 4-bit wide
multiplexed format.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Reset Level Clamping to clamp CCD
signals. An external reference level may also be supplied.
ADC references are generated internally, ensuring optimum
performance from the device.
The device uses an analogue supply voltage of 3.3V and a
digital interface supply of between 2.5V and 3.3V.
The
WM8259 typically only consumes 132mW when operating
from a single 3.3V supply.
FEATURES
•
16-bit ADC
•
3MSPS conversion rate
•
Low power - 132mW typical
•
3.3V single supply or 3.3V/2.5V dual supply operation
•
Single channel operation, selectable inputs
•
Correlated double sampling
•
Programmable gain (8-bit resolution)
•
Programmable offset adjust (8-bit resolution)
•
Programmable clamp voltage
•
4-bit wide multiplexed data output format
•
Internally generated voltage references
•
20-lead SSOP package
•
Serial control interface
APPLICATIONS
•
Flatbed and sheetfeed scanners
•
USB compatible scanners
•
Multi-function peripherals
•
High-performance CCD sensor interface
BLOCK DIAGRAM


Similar Part No. - WM8259

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8259SCDS/RV WOLFSON-WM8259SCDS/RV Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8259SCDS/V WOLFSON-WM8259SCDS/V Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results

Similar Description - WM8259

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8150 WOLFSON-WM8150 Datasheet
271Kb / 24P
SINGLE CHANNEL 12 BIT CIS/CCD AFE WITH 4 BIT WIDE OUTPUT
WM8152 WOLFSON-WM8152 Datasheet
284Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8150 WOLFSON-WM8150_05 Datasheet
299Kb / 26P
Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8253 WOLFSON-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Cirrus Logic
WM8152 CIRRUS-WM8152 Datasheet
418Kb / 28P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8253 CIRRUS-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com