Electronic Components Datasheet Search
  English  ▼

X  

WM8325 Datasheet(PDF) 67 Page - Cirrus Logic

Part # WM8325
Description  Processor Power Management Subsystem
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8325 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button WM8325 Datasheet HTML 63Page - Cirrus Logic WM8325 Datasheet HTML 64Page - Cirrus Logic WM8325 Datasheet HTML 65Page - Cirrus Logic WM8325 Datasheet HTML 66Page - Cirrus Logic WM8325 Datasheet HTML 67Page - Cirrus Logic WM8325 Datasheet HTML 68Page - Cirrus Logic WM8325 Datasheet HTML 69Page - Cirrus Logic WM8325 Datasheet HTML 70Page - Cirrus Logic WM8325 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 254 page
background image
Production Data
WM8325
w
PD, February 2012, Rev 4.0
67
To ensure stable operation, the register fields DCm_CAP must be set for each of the DC-DC
Converters according to the output capacitance. (Note that these fields are set via OTP/ICE settings
only; they cannot be changed by writing to the control register.) The choice of output capacitor is
described in Section 30.3.
When a DC-DC Converter is disabled, the output pin can be configured to be floating or to be actively
discharged. This is selected using DCm_FLT.
DC-DC Converters 1 and 2 also support selectable switching frequency. This can either be 2MHz or
4MHz, according to the DCm_FREQ register field. (Note that these fields are set via OTP/ICE
settings only; they cannot be changed by writing to the control register.) The switching frequency of
DC-DC3 is fixed at 2MHz.
Note that the supported output voltage range for DC-DC Converters 1 and 2 is restricted in the 4MHz
mode; for output voltages greater than 1.4V, the 2MHz mode must be used.
Note that the maximum output current for Converter DC-DC2 is limited to 1250mA in the 4MHz mode;
for output currents up to 2500mA, the 2MHz mode must be used.
The switching phase of each DC-DC converter can be set using the DCm_PHASE bits. Where two
converters are operating at the same switching frequency, the supply current ripple can be minimised
by selecting a different switching phase for each converter.
The Dynamic Voltage Scaling (DVS) feature on DC-DC1 and DC-DC2 enables hardware or software
selection of an alternate output voltage, DCm_DVS_VSEL. This may be useful if a short-term
variation in output voltage is required.
The DVS voltage (set by DCm_DVS_VSEL) may be selected by setting DCm_DVS_SRC = 01.
Alternatively, the DVS voltage may be selected under control of one of the Hardware DVS Control
inputs supported via the GPIO pins. See Section 21 for details of configuring the GPIO pins as
Hardware DVS Control inputs.
Whenever the DVS voltage is selected by any method, the DVS selection takes precedence over the
ON, SLEEP or Hardware Control (HWC) configuration. See Section 15.8 for details of Hardware
Control options.
The output voltage ramp rate is selectable for DC-DC Converters 1 and 2. The DCm_RATE field
selects the rate of change of output voltage, whether this is in response to an operating mode
transition, or any hardware or software command. Note that the DCm_RATE field is accurate in
Forced Continuous Conduction Mode (FCCM); in other modes, the actual slew rate may be longer in
the case of a decreasing output voltage selection, especially under light load conditions.
The WM8325 can indicate the status of the Dynamic Voltage Scaling via a GPIO pin configured as a
“DC-DC1 DVS Done” or “DC-DC2 DVS Done” output (see Section 21). When a GPIO pin is
configured to indicate the DVS status, this signal is temporarily de-asserted during a DVS transition
on the associated DC-DC Converter, and is subsequently asserted to indicate the transition has
completed.
Note that the GPIO DVS outputs indicate the progress of all output voltage slews; they are not limited
to transitions associated with DCm_DVS_SRC; the GPIO DVS output also indicates the status of a
slew caused by a write to the DCm_ON_VSEL register, or a slew to the DCm_SLP_VSEL voltage.
Note also that the GPIO DVS outputs are indicators of the DVS control mechanism only; they do not
confirm the output voltage accuracy. The output voltage can be checked using the voltage status bits
if required (see Section 15.2).
15.6.1 DC-DC3 / DC-DC4 DUAL MODE
DC-DC Converters 3 and 4 can be configured to operate in ‘Dual’ mode, where the two converters are
ganged together to support an increased current capability. In this mode, the two converters employ a
common voltage feedback circuit in order to ensure the two outputs are accurately aligned.The dual
mode is selected by configuring DC-DC4 as a ‘Slave’ to DC-DC3.
When the DC4_SLV register is set, then DC-DC4 comes under the control of the DC-DC3 registers,
and both converters are controlled together. All other DC-DC4 control registers have no effect when
DC4_SLV is set. Note that the DC4_SLV register can only be controlled via OTP/ICE configuration; it
cannot be changed by writing to the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com