Electronic Components Datasheet Search
  English  ▼

X  

WM8325 Datasheet(PDF) 70 Page - Cirrus Logic

Part # WM8325
Description  Processor Power Management Subsystem
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8325 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button WM8325 Datasheet HTML 66Page - Cirrus Logic WM8325 Datasheet HTML 67Page - Cirrus Logic WM8325 Datasheet HTML 68Page - Cirrus Logic WM8325 Datasheet HTML 69Page - Cirrus Logic WM8325 Datasheet HTML 70Page - Cirrus Logic WM8325 Datasheet HTML 71Page - Cirrus Logic WM8325 Datasheet HTML 72Page - Cirrus Logic WM8325 Datasheet HTML 73Page - Cirrus Logic WM8325 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 254 page
background image
WM8325
Production Data
w
PD, February 2012, Rev 4.0
70
15.11 POWER MANAGEMENT REGISTER DEFINITIONS
15.11.1 DC-DC CONVERTER AND LDO REGULATOR ENABLE
The Enable and Status register bits for the DC-DC Converters and LDO Regulators are defined in
Table 31.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16464 (4050h)
DCDC Enable
3:0
DCm_ENA
0
DC-DCm Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is
indicated in DCm_STS)
R16465 (4051h)
LDO Enable
10:0
LDOn_ENA
0
LDOn Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is
indicated in LDOn_STS)
R16466 (4052h)
DCDC Status
3:0
DCm_STS
0
DC-DCm Status
0 = Disabled
1 = Enabled
R16467 (4053h)
LDO Status
10:0
LDOn_STS
0
LDOn Status
0 = Disabled
1 = Enabled
Notes:
1.
n
is a number between 1 and 11 that identifies the individual LDO Regulator.
2.
m
is a number between 1 and 4 that identifies the individual DC-DC Converter.
Table 31 DC-DC Converter and LDO Regulator Control
The Enable and Status register bits for the External Power Enable (EPE) Controls are defined in
Table 32.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16464 (4050h)
DCDC Enable
7
EPE2_ENA
0
EPE2 Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is
indicated in EPE2_STS)
6
EPE1_ENA
0
EPE1 Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is
indicated in EPE1_STS)
R16466 (4052h)
DCDC Status
7
EPE2_STS
0
EPE2 Status
0 = Disabled
1 = Enabled
6
EPE1_STS
0
EPE1 Status
0 = Disabled
1 = Enabled
Table 32 External Power Enable (EPE) Control
15.11.2 DC-DC SYNCHRONOUS BUCK CONVERTER CONTROL
The register controls for configuring the DC-DC synchronous buck converters 1-4 are defined in Table
33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com