Electronic Components Datasheet Search
  English  ▼

X  

WM8325 Datasheet(PDF) 22 Page - Cirrus Logic

Part # WM8325
Description  Processor Power Management Subsystem
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8325 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button WM8325 Datasheet HTML 18Page - Cirrus Logic WM8325 Datasheet HTML 19Page - Cirrus Logic WM8325 Datasheet HTML 20Page - Cirrus Logic WM8325 Datasheet HTML 21Page - Cirrus Logic WM8325 Datasheet HTML 22Page - Cirrus Logic WM8325 Datasheet HTML 23Page - Cirrus Logic WM8325 Datasheet HTML 24Page - Cirrus Logic WM8325 Datasheet HTML 25Page - Cirrus Logic WM8325 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 254 page
background image
WM8325
Production Data
w
PD, February 2012, Rev 4.0
22
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT Accuracy
VOUT_ACC
ILOAD = 1mA
-2.5
+2.5
%
Line Regulation
VOUT LINE
VIN = (VOUT + 0.5) to 5.5V, ILOAD = 75mA
Note that VIN must be >= 1.71V
0.025
%/V
Load Regulation
VOUT LOAD
ILOAD =1mA to 150mA
0.004
%/mA
Dropout Voltage
VIN - VOUT
ILOAD =100mA, VOUT =1.8V
135
mV
ILOAD =100mA, VOUT =2.5V
100
ILOAD =100mA, VOUT =3.3V
90
Undervoltage
level
VOUT
VOUT Falling
93
%
Quiescent
Current
IQ
Normal mode, no load
110
A
Low Power mode, no load
70
ILOAD = 1mA to 150mA
IQ (no load) + 0.1% of load
Power Supply
Rejection Ratio
PSRR
ILOAD = 75mA, <= 1kHz
73
dB
ILOAD = 75mA, 10kHz
69
ILOAD = 75mA, 100kHz
49
Output noise
voltage
VOUT
f=10Hz to 100kHz; VOUT=2.8V, ILOAD = 1mA
30
VRMS
f=10Hz to 100kHz; VOUT=2.8V, ILOAD = 10mA
32
f=10Hz to 100kHz; VOUT=2.8V, ILOAD = 100mA
32
On Resistance
(Switch mode)
RDSON
VIN = 1.71V, ILOAD = 100mA
1000
m
VIN = 1.8V, ILOAD = 100mA
930
VIN = 2.5V, ILOAD = 100mA
610
VIN = 3.5V, ILOAD = 100mA
430
Current Limit
(Switch mode)
ICL
VOUT = 0V
250
mA
Start-up time
tstart_up
No load, Output cap 4.7 µF, 90% of VOUT
70
s
Shutdown time
tshut_down
No load, Output cap 4.7 µF, 10% of VOUT
10
ms
LDO11
Unless otherwise noted: VIN = 3.8V, VOUT = 1.2V, TJ = -40°C to +125°C; Typical values are at TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Programmable
Output Voltage
VOUT
0.8
1.55
V
VOUT Step Size
VOUT_STEP
50
mV
Output Current
IOUT
PVDD < 3.1V
0
10
mA
PVDD ≥ 3.1V
0
25
VOUT Accuracy
VOUT
VIN = 2.7 to 5.5V ; ILOAD = 100µA
-4
+4
%
Line Regulation
VOUT LINE
VIN = 2.7 to 5.5V; ILOAD = 1mA
0.4
%/V
Load Regulation
VOUT LOAD
ILOAD = 100µA to 10mA
0.2
%/mA
Quiescent
Current
IQ
No load
2.5
A
Start-up time
tstart_up
No load, Output cap 0.1 µF, 90% of VOUT
0.3
1
ms
Shutdown time
tshut_down
No load, Output cap 0.1 µF, 10% of VOUT
0.3
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com