Electronic Components Datasheet Search
  English  ▼

X  

3549 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # 3549
Description  10-Turn Precision Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3549 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  3549 Datasheet HTML 1Page - Bourns Electronic Solutions 3549 Datasheet HTML 2Page - Bourns Electronic Solutions 3549 Datasheet HTML 3Page - Bourns Electronic Solutions 3549 Datasheet HTML 4Page - Bourns Electronic Solutions 3549 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
“Hybritron” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3549 - 10-Turn Precision Potentiometer
How To Order
3
549
S
-
2
A A
-
1
0
3
/
10
3
A
Code
H
S
Description
Hybritron®
Wirewound
ELEMENT TYPE
Code
A
B
Description
None
180
°
ANTI-ROTATION LUG
Code
3549
Description
10-Turn
MODEL DESIGNATOR
Code
1
2
Description
Single
Dual
NO. OF SECTIONS
Code
Element Type
Hybritron®
Hybritron®
Hybritron®
Hybritron®
Hybritron®
Hybritron®
Hybritron®
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Wirewound
Resolution (%)
—
—
—
—
—
—
—
0.055
0.042
0.031
0.027
0.021
0.016
0.019
0.014
0.011
0.008
RESISTANCE**
Code
A
B
Description
0.20 %
0.10 %
INDEPENDENT LINEARITY
102 (1K ohms)
202 (2K ohms)
502 (5K ohms)
103 (10K ohms)
203 (20K ohms)
503 (50K ohms)
104 (100K ohms)
101 (100 ohms)
201 (200 ohms)
501 (500 ohms)
102 (1K ohms)
202 (2K ohms)
502 (5K ohms)
103 (10K ohms)
203 (20K ohms)
503 (50K ohms)
104 (100K ohms)
** For Single gang, use only first three digits.
For Dual gang, use six digits separated by a "/".
* Anti-rotation lug is not available for
servo mount versions.
*** Not available in dual gang version.
**** Available in Hybritron® version only and limited to single section.
Code
A
B
C
D
G
H
Shaft FMS
13/16 "
20.6 mm
13/16 "
20.6 mm
13/16 "
20.6 mm
Shaft Material
Nickel Plated Brass
Nickel Plated Brass
Stainless Steel
Stainless Steel
Stainless Steel
Stainless Steel
Shaft Dia.
1/4 "
6 mm
1/4 "
6 mm
1/4 "
6 mm
Bushing Dia.
3/8 "
9 mm
3/8 "
9 mm
3/8 "
9 mm
Bushing Material
Brass
Brass
Bronze
Bronze
Bronze
Bronze
Slip Clutch
N/A
N/A
N/A
N/A
Yes***
Yes***
BUSHING MOUNT
Code
E
F
Shaft FMS
3/8 "
3/8 "
Shaft Material
Stainless Steel
Stainless Steel
Ball Bearings
N/A
Front & Rear****
Shaft Dia.
1/8 "
1/8 "
SERVO MOUNT
REV. 10/14



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com