Electronic Components Datasheet Search
  English  ▼

X  

3549 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 3549
Description  10-Turn Precision Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3549 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  3549 Datasheet HTML 1Page - Bourns Electronic Solutions 3549 Datasheet HTML 2Page - Bourns Electronic Solutions 3549 Datasheet HTML 3Page - Bourns Electronic Solutions 3549 Datasheet HTML 4Page - Bourns Electronic Solutions 3549 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3549 - 10-Turn Precision Potentiometer
Product Dimensions
Single Gang, Servo Mount
Single Gang, Servo Mount, Dual Ball Bearing
TOLERANCES: EXCEPT WHERE NOTED
DECIMALS: .XX
±
.XXX
±
.XXXX
±
DIMENSIONS:
1
3 CW
CLOCKWISE
CCW
2 WIPER
.50
(.02)
.127
(.005)
.0127
(.0005)
MM
(IN)
30
° ± 5 °
16.256
(.640)
MAX.
R
22.225
± 0.381
(.875
± .015)
DIA.
25.222
± 0.787
(.993
± .031)
6.858
± 0.254
(.270
± .010)
1.575
(.062)
1.575
(.062)
1.575
(.062)
9.525
± 0.787
(.375
± .031)
3.1699 + .0000/-.0076
(.1248 + .0000/-.0003)
DIA.
DIA.
15.8725 + .0000/-.0127
(.6249 +.0000/-.0005)
DIA.
17.526
(.690)
12.7
± 0.254
(.500
± .010)
11.13
± 0.381
(.438
± .015)
19.46
± 0.381
(.766
± .015)
23.86
± 0.381
(.939
± .015)
MOUNTING SURFACE
2
1
3
16.256
(.640)
MAX.
R
22.225
± 0.381
(.875
± .015)
DIA.
26.111
± 0.787
(1.028
± .031)
9.525
± 0.787
(.375
± .031)
3.1699 + .0000/-.0076
(.1248 + .0000/-.0003)
DIA.
DIA.
15.8725 + .0000/-.0127
(.6249 +.0000/-.0005)
DIA.
17.526
(.690)
12.7
± 0.254
(.500
± .010)
9.779
± 0.381
(.385
± .015)
11.13
± 0.381
(.438
± .015)
19.46
± 0.381
(.766
± .015)
23.86
± 0.381
(.939
± .015)
MOUNTING SURFACE
2
1
3
1
3 CW
CLOCKWISE
CCW
2 WIPER
1.575
(.062)
1.575
(.062)
1.575
(.062)
28.778
± 0.787
(1.133
± .031)
30
° ± 5 °
6.858
± 0.254
(.270
± .010)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com