Electronic Components Datasheet Search
  English  ▼

X  

3549 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 3549
Description  10-Turn Precision Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3549 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  3549 Datasheet HTML 1Page - Bourns Electronic Solutions 3549 Datasheet HTML 2Page - Bourns Electronic Solutions 3549 Datasheet HTML 3Page - Bourns Electronic Solutions 3549 Datasheet HTML 4Page - Bourns Electronic Solutions 3549 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panel Thickness Dimensions
(For Bushing Mount Only)
PANEL
POT
LOCKWASHER
HEX NUT
2.46 - 3.81
(.097 - .150)
1.60 +.08/-.03
(.063 +.003/-.001)
10.44 ± .07
(.411 ± .003)
DIA.
DIA.
ADDITIONAL HOLE FOR
ANTI-ROTATION PIN
MM
(INCHES)
DIMENSIONS:
Anti-rotation pin hole is shown at six o'clock
position for reference only. The actual location is
determined by the customer's application. Refer
to the front view of the potentiometer to see the
location of the optional A/R pin.
Panel thickness and hole diameters are
recommended for best fit. However, customers
may adjust the dimensions to suit their specific
application.
TOLERANCES: ±
7.42
(.292)
R
0.127
(.005)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3549 - 10-Turn Precision Potentiometer
Product Dimensions
Dual Gang, Servo Mount
30
° ± 5 °
16.256
(.640)
MAX.
R
22.225
± 0.381
(.875
± .015)
DIA.
6.858
± 0.254
(.270
± .010)
1.575
(.062)
1.575
(.062)
1.575
(.062)
9.525
± 0.787
(.375
± .031)
3.1699 + .0000/-.0076
(.1248 + .0000/-.0003)
DIA.
DIA.
15.8725 + .0000/-.0127
(.6249 +.0000/-.0005)
DIA.
17.526
(.690)
12.7
± 0.254
(.500
± .010)
11.43
± 0.381
(.450
± .015)
19.76
± 0.381
(.778
± .015)
24.206
± 0.381
(.953
± .015)
MOUNTING SURFACE
2
2
1
1
3
3
31.88
± 0.78
(1.255
± .031)
40.21
± 0.78
(1.583
± .031)
44.65
± 0.78
(1.758
± .031)
45.67
± 0.78
(1.798
± .031)
1
3 CW
CCW
1
3 CW
CLOCKWISE
CCW
WIPER
2
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com