Electronic Components Datasheet Search
  English  ▼

X  

AT28C64B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT28C64B
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT28C64B Datasheet HTML 5Page - ATMEL Corporation AT28C64B Datasheet HTML 6Page - ATMEL Corporation AT28C64B Datasheet HTML 7Page - ATMEL Corporation AT28C64B Datasheet HTML 8Page - ATMEL Corporation AT28C64B Datasheet HTML 9Page - ATMEL Corporation AT28C64B Datasheet HTML 10Page - ATMEL Corporation AT28C64B Datasheet HTML 11Page - ATMEL Corporation AT28C64B Datasheet HTML 12Page - ATMEL Corporation AT28C64B Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AT28C64B
9
Notes:
1. These parameters are characterized and not 100% tested.
2. See “AC Read Characteristics”.
Data Polling Waveforms
Notes:
1. These parameters are characterized and not 100% tested.
2. See “AC Read Characteristics”.
Toggle Bit Waveforms
(1)(2)(3)
Notes:
1.
Toggling either OE or CE or both OE and CE will operate toggle bit.
2.
Beginning and ending state of I/O6 will vary.
3.
Any address location may be used but the address should not vary.
Data Polling Characteristics
(1)
Symbol
Parameter
Min
Typ
Max
Units
t
DH
Data Hold Time
0
ns
t
OEH
OE Hold Time
0
ns
tOE
OE to Output Delay
(2)
ns
t
WR
Write Recovery Time
0
ns
Toggle Bit Characteristics(1)
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
t
OEH
OE Hold Time
10
ns
t
OE
OE to Output Delay
(2)
ns
tOEHP
OE High Pulse
150
ns
t
WR
Write Recovery Time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com