Electronic Components Datasheet Search
  English  ▼

X  

AT28C64B Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT28C64B
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64B Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT28C64B Datasheet HTML 3Page - ATMEL Corporation AT28C64B Datasheet HTML 4Page - ATMEL Corporation AT28C64B Datasheet HTML 5Page - ATMEL Corporation AT28C64B Datasheet HTML 6Page - ATMEL Corporation AT28C64B Datasheet HTML 7Page - ATMEL Corporation AT28C64B Datasheet HTML 8Page - ATMEL Corporation AT28C64B Datasheet HTML 9Page - ATMEL Corporation AT28C64B Datasheet HTML 10Page - ATMEL Corporation AT28C64B Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AT28C64B
7
Page Mode Write Waveforms
(1)(2)
Notes:
1. A6 through A12 must specify the same page address during each high to low transition of WE (or CE).
2. OE must be high only when WE and CE are both low.
Chip Erase Waveforms
t
S = tH = 1 µsec (min.)
tW = 10 msec (min.)
V
H = 12.0 ± 0.5V
Page Mode Characteristics
Symbol
Parameter
Min
Max
Units
t
WC
Write Cycle Time
10
ms
tWC
Write Cycle Time (option available; contact Atmel sales office for
ordering part number)
02
ms
t
AS
Address Setup Time
0
ns
t
AH
Address Hold Time
50
ns
tDS
Data Setup Time
50
ns
t
DH
Data Hold Time
0
ns
t
WP
Write Pulse Width
100
ns
tBLC
Byte Load Cycle Time
150
µs
t
WPH
Write Pulse Width High
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com