Electronic Components Datasheet Search
  English  ▼

X  

AT28C64B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT28C64B
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64B Datasheet(HTML) 4 Page - ATMEL Corporation

  AT28C64B Datasheet HTML 1Page - ATMEL Corporation AT28C64B Datasheet HTML 2Page - ATMEL Corporation AT28C64B Datasheet HTML 3Page - ATMEL Corporation AT28C64B Datasheet HTML 4Page - ATMEL Corporation AT28C64B Datasheet HTML 5Page - ATMEL Corporation AT28C64B Datasheet HTML 6Page - ATMEL Corporation AT28C64B Datasheet HTML 7Page - ATMEL Corporation AT28C64B Datasheet HTML 8Page - ATMEL Corporation AT28C64B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AT28C64B
4
Notes:
1. X can be V
IL or VIH.
2. Refer to the “AC Write Waveforms” diagrams in this datasheet.
3. V
H = 12.0V ± 0.5V.
DC and AC Operating Range
AT28C64B-15
AT28C64B-20
AT28C64B-25
Operating
Temperature (Case)
Com.
0°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40°C - 85°C-40°C - 85°C-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
Operating Modes
Mode
CE
OE
WE
I/O
Read
V
IL
V
IL
V
IH
D
OUT
Write
(2)
VIL
VIH
VIL
DIN
Standby/Write Inhibit
V
IH
X
(1)
X
High Z
Write Inhibit
X
X
V
IH
Write Inhibit
X
VIL
X
Output Disable
X
V
IH
X
High Z
Chip Erase
V
IL
V
H
(3)
V
IL
High Z
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC + 1V
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC + 1V
Com., Ind.
100
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC + 1V
2
mA
I
CC
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
40
mA
VIL
Input Low Voltage
0.8
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.40
V
VOH
Output High Voltage
IOH = -400 µA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com