Electronic Components Datasheet Search
  English  ▼

X  

PLED Datasheet(PDF) 5 Page - Littelfuse

Part # PLED
Description  Fast switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLED Datasheet(HTML) 5 Page - Littelfuse

  PLED Datasheet HTML 1Page - Littelfuse PLED Datasheet HTML 2Page - Littelfuse PLED Datasheet HTML 3Page - Littelfuse PLED Datasheet HTML 4Page - Littelfuse PLED Datasheet HTML 5Page - Littelfuse PLED Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PLED Open LED Protectors
Revision: 09/25/15
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
PLED Unidirectional Series
Dimensions - QFN (3x3) Package
Dimensions - DO-214 AA Package
2.54mm
0.100”
1.50mm
0.059”
1.27mm
0.050”
Recommended solder pad layout
(Reference Only)
H
K1
N2
N1
END VIEW
SIDE VIEW
M2
M2
M1
M1
K2
F
E
C
J
B
A
TOP VIEW
BOTTOM VIEW
B
D
A
C
H
G
K
F
CASE TEMPERATURE
MEASURING POINT
0.079"
(2.0mm)
0.079"
(2.0mm)
0.110"
(2.8mm)
E
Recommended solder pad layout
(Reference Only)
Dimensions
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.114
0.118
0.122
2.900
3.000
3.100
B
0.114
0.118
0.122
2.900
3.000
3.100
C
0.075
0.079
0.083
1.900
2.000
2.100
E
0.011
0.015
0.019
0.285
0.385
0.485
F
0.076
0.080
0.084
1.930
2.030
2.130
H
0.035
0.039
0.043
0.900
1.000
1.100
J
0.000
0.004
0.008
0.000
0.100
0.200
K1
0.004
0.008
0.012
0.100
0.200
0.300
K2
0.004
0.008
0.012
0.100
0.200
0.300
M1
0.056
0.060
0.064
1.143
1.530
1.630
M2
0.038
0.042
0.046
0.970
1.070
1.170
N1
0.096
0.100
0.104
2.440
2.540
2.640
N2
0.082
0.086
0.090
2.080
2.180
2.280
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.130
0.156
3.30
3.95
B
0.201
0.220
5.10
5.60
C
0.077
0.087
1.95
2.20
D
0.159
0.181
4.05
4.60
E
0.030
0.063
0.75
1.60
F
0.075
0.096
1.90
2.45
G
0.002
0.008
0.05
0.20
H
0.077
0.104
1.95
2.65
K
0.006
0.016
0.15
0.41
Packaging
Package
Description
Packaging Quantity
Industry Standard
Q12
QFN 3x3
5000
EIA-481-1
S
DO-214AA
2500
EIA-481-1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com