Electronic Components Datasheet Search
  English  ▼

X  

PLED Datasheet(PDF) 1 Page - Littelfuse

Part # PLED
Description  Fast switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLED Datasheet(HTML) 1 Page - Littelfuse

  PLED Datasheet HTML 1Page - Littelfuse PLED Datasheet HTML 2Page - Littelfuse PLED Datasheet HTML 3Page - Littelfuse PLED Datasheet HTML 4Page - Littelfuse PLED Datasheet HTML 5Page - Littelfuse PLED Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLED Open LED Protectors
Revision: 09/25/15
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
PLED Unidirectional Series
Description
PLED Unidirectional Series (PLEDxxUx Series) open LED
protectors provide a switching electronic shunt path around
a single LED that fails as an open circuit. This ensures
the remaining string of LEDs will continue to function
even though a single LED in the string has failed open.
It also provides reverse battery or reverse power polarity
protection.
PLED Unidirectional Series devices were designed to
enable higher reliability in outdoor LED lighting applications
such as street lighting, outdoor signage, aircraft runway
lighting, roadside warning lights and other applications.
Compatible with one, two and three watt LEDs that have
a nominal 3V forward characteristic, PLED Unidirectional
Series devices are available in two surface mount packages,
the DO-214AA and the Quad Flat Pak No-lead (QFN). The
QFN’s low profile, chip scale package (CSP) is ideal for
dense board applications.
Electrical Characteristics (All parameters are measured at T=25°C unless otherwise noted)
Part Number Marking
V
BR
breakdown
V
DRM
breakdown
I
H
I
S
I
T@VT
V
T
I
F@VF
V
F
I
O
1
Critical rate of
rise dV/dt
Volts
Volts
mAmps mAmps Amps
Volts
Amps
Volts
Amps
Volts
Min
Max
Min
Max
Max
Max
Max
Max
Max
Min
Max
PLED6UQ12
PL6U
6
16
6
30
50
1.0
1.2
1.0
1.0
1.0
250V/µs
PLED6US
PL6U
6
16
6
30
50
1.0
1.2
1.0
1.0
1.0
PLED9UQ12
PL9U
9
18
9
30
50
1.0
1.2
1.0
1.0
1.0
PLED9US
PL9U
9
18
9
30
50
1.0
1.2
1.0
1.0
1.0
PLED13UQ12
PL13U
13
26
13
30
50
1.0
1.2
1.0
1.0
1.0
PLED13US
PL13U
13
26
13
30
50
1.0
1.2
1.0
1.0
1.0
PLED18UQ12
PL18U
18
33
18
30
50
1.0
1.2
1.0
1.0
1.0
PLED18US
PL18U
18
33
18
30
50
1.0
1.2
1.0
1.0
1.0
PLED35US*
PL35U
35
50
35
30
50
1.0
1.2
1.0
1.0
1.0
Features & Benefits
• Fast switching
• Reverse Battery/Power
Protection
• Automatically resets after
power cycle
• Available in low profile,
small footprint QFN
and Standard DO214AA
packages
• Compatible with industrial
lighting environments
• Compatible with PWM
frequencies up to 10 kHz
• RoHS compliant and
halogen-free
Agency Approvals
Agency
Agency File Number
E133083
Schematic Symbol
Control
Circuit
MT
2
MT1
Cathode
(bar marking side)
PLED Unidirectional Series (PLEDxxUx)
note:
1. I
O- Operation current tested @ alumium boards, ambient temp 85C
2. Part with “*” is not a UL Recognized Part
RoHS


Similar Part No. - PLED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLED-150W ETC2-PLED-150W Datasheet
785Kb / 4P
Flicker-Free LED Drivers
logo
Protek Devices
PLED05F189 PROTEC-PLED05F189 Datasheet
350Kb / 4P
BIDIRECTIONAL TVS DIE
logo
Shanghai Leiditech Elec...
PLED06 LEIDITECH-PLED06 Datasheet
471Kb / 3P
Bi-directional Open LED protector
PLED06A LEIDITECH-PLED06A Datasheet
528Kb / 3P
Bi-directional Open LED protector
PLED06A2 LEIDITECH-PLED06A2 Datasheet
511Kb / 3P
LED Shunt Protection
More results

Similar Description - PLED

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
Fast Switching
33N10 ISC-33N10 Datasheet
67Kb / 2P
Fast Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com