Electronic Components Datasheet Search
  English  ▼

X  

PLED Datasheet(PDF) 6 Page - Littelfuse

Part # PLED
Description  Fast switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLED Datasheet(HTML) 6 Page - Littelfuse

  PLED Datasheet HTML 1Page - Littelfuse PLED Datasheet HTML 2Page - Littelfuse PLED Datasheet HTML 3Page - Littelfuse PLED Datasheet HTML 4Page - Littelfuse PLED Datasheet HTML 5Page - Littelfuse PLED Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PLED Open LED Protectors
Revision: 09/25/15
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
PLED Unidirectional Series
Tape and Reel Specification - QFN (3x3)
A
B
D
C
W1
N
Reel Dimension
K0
P0
P1
W
D0
A1
D1
P2
E2
F
W0
CARRIER TAPE
COVER TAPE
T
E1
B0
Tape Dimension Items
TRAILER
160mm MIN
LEADER
400mm MIN
START
END
CARRIER TAPE
COVER TAPE
Leader and Trailer Dimension of the Ttape
CATHODE BAR
ON THIS SIDE
Symbols
Description
Inches
Millimeters
Minimum Maximum Minimum Maximum
A
Reel Diameter
N/A
12.992
N/A
330.0
B
Drive Spoke Width
0.059
N/A
1.50
N/A
C
Arbor Hole Diameter
0.504
0.531
12.80
13.50
D
Drive Spoke Diameter
0.795
N/A
20.20
N/A
N
Hub Diameter
1.969
N/A
50.00
N/A
W1
Reel Inner Width at Hub
0.488
0.567
12.40
14.40
A0
Pocket Width at bottom
0.126
0.134
3.20
3.40
B0
Pocket Length at bottom
0.126
0.134
3.20
3.40
D0
Feed Hole Diameter
0.059
0.063
1.50
1.60
D1
Pocket Hole Diameter
0.059
N/A
1.50
N/A
E1
Feed hole Position 1
0.065
0.073
1.65
1.85
E2
Feed hole Position 2
0.400
0.408
10.15
10.35
F
Feed hole center-Pocket hole
0.215
0.219
5.45
5.55
K0
Pocket Depth
0.039
0.051
1.00
1.30
P0
Feed hole Pitch
0.153
0.161
3.90
4.10
P1
Component Spacing
0.311
0.319
7.90
8.10
P2
Feed hole center-Pocket hole
0.077
0.081
1.90
2.06
T
Carrier Tape Thickness
0.010
0.014
0.25
0.35
W
Embossed Carrier Tape Width
0.453
0.484
11.50
12.30
W0
Cover Tape Width
0.358
0.366
9.10
9.30
DO-214AA Embossed Carrier Reel Pack (RP)
Meets all EIA-481-1 Standards
0.472
(12.0)
0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0) Arbor
Hole Dia
.
12.99
(330.0)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape
Cathode bar on this side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com