Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7520 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-7520
Description  Isolated Linear Sensing IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7520 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-7520 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Regulatory Information
The HCPL-7520 is pending
approval by the following
organizations:
DIN EN
Pending approval under DIN EN
60747-5-2 with VIORM = 891 VPEAK.
DIN EN 60747-5-2 Insulation Characteristics[1]
Description
Symbol
Characteristic Unit
Installation classification per DIN EN 0110-1/1997-04, Table 1
for rated mains voltage
≤ 150 Vrms
I – IV
for rated mains voltage
≤ 300 Vrms
I – III
for rated mains voltage
≤ 600 Vrms
I – II
Climatic Classification
55/100/21
Pollution Degree (DIN EN 0110-1/1997-04)
2
Maximum Working Insulation Voltage
VIORM
891
Vpeak
Input to Output Test Voltage, Method b[2]
VIORM x 1.875 = VPR, 100% production test with tm = 1 sec, partial discharge <5 pC
VPR
1670
Vpeak
Input to Output Test Voltage, Method a[2]
VIORM x 1.5 = VPR, type and sample test, tm = 60 sec, partial discharge <5 pC
VPR
1336
Vpeak
Highest Allowable Overvoltage (transient overvoltage tini = 10 sec)
VIOTM
6000
Vpeak
Safety-limiting values – maximum values allowed in the event of a failure.
Case Temperature
TS
175
°C
Input Current[3]
IS, INPUT
400
mA
Output Power[3]
PS, OUTPUT 600
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
Ω
Notes:
1. Insulation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits within the
application. Surface Mount Classifications is Class A in accordance with CECC00802.
2. Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (DIN EN
60747-5-2) for a detailed description of Method a and Method b partial discharge test profiles.
3. Refer to the following figure for dependence of PS and IS on ambient temperature.
UL
Pending approval under UL 1577,
component recognition program
up to VISO = 3750 VRMS expected
prior to product release. File
E55361.
CSA
Pending approval under CSA
Component Acceptance Notice
#5, File CA 88324 expected prior
to product release.
0
0
TS – CASE TEMPERATURE – °C
200
600
400
25
800
50
75 100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com