Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7520 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-7520
Description  Isolated Linear Sensing IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7520 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-7520 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Agilent HCPL-7520
Isolated Linear Sensing IC
Data Sheet
Description
The HCPL-7520 isolated linear
current sensing IC family is
designed for current sensing in
low-power electronic motor
drives. In a typical implementa-
tion, motor current flows through
an external resistor and the
resulting analog voltage drop is
sensed by the HCPL-7520. An
output voltage is created on the
other side of the HCPL-7520
optical isolation barrier. This
single-ended output voltage is
proportional to the motor
current. Since common-mode
voltage swings of several hundred
volts in tens of nanoseconds are
common in modern switching
inverter motor drives, the HCPL-
7520 was designed to ignore very
high common-mode transient
slew rates (of at least 10 kV/
µs).
The high CMR capability of the
HCPL-7520 isolation amplifier
provides the precision and
stability needed to accurately
monitor motor current in high
noise motor control environ-
ments, providing for smoother
control (less “torque ripple”) in
various types of motor control
applications.
Features
• 15 kV/
µs common-mode rejection
at Vcm = 1000 V
• Compact, auto-insertable 8-pin
DIP package
• 60 ppm/
°C gain drift vs.
temperature
• –0.6 mV input offset voltage
•8
µV/°C input offset voltage vs.
temperature
• 100 kHz bandwidth
• 0.06% nonlinearity, single-ended
amplifer oon
• Worldwide safety approval:
UL 1577 (3750 Vrms/1 min.) and
CSA (pending), DIN EN 60747-5-2
(Option #060 only pending)
• Advanced sigma-delta (
Σ-∆)
A/D converter technology
Applications
• Low-power inverter current
sensing
• Motor phase and rail current
sensing
• Switched mode power supply
signal isolation
• General purpose low-power
current sensing and monitoring
• General purpose analog signal
isolation
The product can also be used for
general analog signal isolation
applications. For general
applications, we recommend the
HCPL-7520 (gain tolerance of
±5%). The HCPL-7520 utilizes
sigma delta (
Σ-∆) analog-to-
digital converter technology to
delivery offset and gain accuracy
and stability over time and
temperature. This performance is
delivered in a compact, auto-
insert, 8-pin DIP package that
meets worldwide regulatory
safety standards. (A gull-wing
surface mount option #300 is
also available).
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this
component to prevent damage and /or degradation which may be induced by ESD.
1
2
3
4
8
7
6
5
IDD1
VDD1
VIN+
VIN–
GND1
IDD2
VDD2
VOUT
VREF
GND2
+
–
+
–
SHIELD
Functional Diagram


Similar Part No. - HCPL-7520

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7520 AVAGO-HCPL-7520 Datasheet
231Kb / 16P
Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
Isolated Linear Sensing IC
HCPL-7520-060E AVAGO-HCPL-7520-060E Datasheet
248Kb / 16P
Isolated Linear Sensing IC
More results

Similar Description - HCPL-7520

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7510 HP-HCPL-7510 Datasheet
117Kb / 16P
Isolated Linear Sensing IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
231Kb / 16P
Isolated Linear Sensing IC
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
HCPL-7510 Isolated Linear Sensing IC
HCPL-7520-300 AVAGO-HCPL-7520-300 Datasheet
248Kb / 16P
Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
Isolated Linear Sensing IC
logo
International Rectifier
IR2175STRPBF IRF-IR2175STRPBF Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
logo
Infineon Technologies A...
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com