Electronic Components Datasheet Search
  English  ▼

X  

HCPL-7520 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-7520
Description  Isolated Linear Sensing IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7520 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-7520 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Unit
Conditions
Minimum External Air Gap
L(101)
7.4
mm
Measured from input terminals to output terminals,
(clearance)
shortest distance through air.
Minimum External Tracking
L(102)
8.0
mm
Measured from input terminals to output terminals,
(creepage)
shortest distance path along body.
Minimum Internal Plastic Gap
0.5
mm
Through insulation distance conductor to conductor,
(internal clearance)
usually the straight line distance thickness between the
emitter and detector.
Tracking Resistance
CTI
>175
V
DIN IEC 112 Part 1
(comparative tracking index)
Isolation Group
IIIa
Material Group (DIN EN 0110-1/1997-04)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
–55
125
°C
Operating Temperature
TA
–40
100
°C
Supply Voltage
VDD1_max, VDD1_max
06
V
Steady-State Input Voltage
VIN+, VIN-
–2.0
VDD1 + 0.5-
V
Two Second Transient Input Voltage
VIN+, VIN-
–6.0
VDD1 + 0.5-
V
Output Voltage
VOUT
–0.5
VDD2 + 0.5-
V
Reference Input Voltage
VREF
0.0
VDD2 + 0.5-
V
Reference Input Current
IREF
20-
mA
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Operating Temperature
TA
–40
85
°C
Supply Voltage
VDD1, VDD2
4.5
5.5
V
Input Voltage (accurate and linear)
VIN+, VIN-
–200
200
mV
Input Voltage (functional)
VIN+, VIN-
–2.0
2.0
V
Reference Input Voltage
VREF
4.0
VDD2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com