Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 60 Page - Texas Instruments

Back Button DM505 Datasheet HTML 56Page - Texas Instruments DM505 Datasheet HTML 57Page - Texas Instruments DM505 Datasheet HTML 58Page - Texas Instruments DM505 Datasheet HTML 59Page - Texas Instruments DM505 Datasheet HTML 60Page - Texas Instruments DM505 Datasheet HTML 61Page - Texas Instruments DM505 Datasheet HTML 62Page - Texas Instruments DM505 Datasheet HTML 63Page - Texas Instruments DM505 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 290 page
background image
60
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-21. PWM Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ehrpwm1_synco
EHRPWM1 Sync Output
O
B10, C14
4.3.21 Emulation and Debug Subsystem
NOTE
For more information, see the On-Chip Debug Support section of the device TRM.
Table 4-22. Debug Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rtck
JTAG return clock
O
J6
tclk
JTAG test clock
I
J2
tdi
JTAG test data
I
J1
tdo
JTAG test port data
O
J4
tms
JTAG test port mode select. An external pullup resistor should be used on this
ball.
IO
J3
trstn
JTAG test reset
I
J5
emu0
Emulator pin 0
IO
H1
emu1
Emulator pin 1
IO
H2
emu2
Emulator pin 2
O
AA15
emu3
Emulator pin 3
O
AB15
emu4
Emulator pin 4
O
AA14
emu5
Emulator pin 5
O
AB14
emu6
Emulator pin 6
O
U13
emu7
Emulator pin 7
O
V13
emu8
Emulator pin 8
O
Y13
emu9
Emulator pin 9
O
W13
emu10
Emulator pin 10
O
U11
emu11
Emulator pin 11
O
V11
emu12
Emulator pin 12
O
U9
emu13
Emulator pin 13
O
W11
emu14
Emulator pin 14
O
V9
emu15
Emulator pin 15
O
W9
emu16
Emulator pin 16
O
U8
emu17
Emulator pin 17
O
W8
emu18
Emulator pin 18
O
U7
emu19
Emulator pin 19
O
V7
4.3.22 System and Miscellaneous
4.3.22.1 Sysboot
NOTE
For more information, see the Initialization (ROM Code) section of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com