| Electronic Components Datasheet Search |
|
DM505 Datasheet(PDF) 93 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM505 Datasheet(HTML) 93 Page - Texas Instruments |
|
93 / 290 page ![]() 93 DM505 www.ti.com SPRS976D – NOVEMBER 2016 – REVISED JULY 2017 Submit Documentation Feedback Specifications Copyright © 2016–2017, Texas Instruments Incorporated Table 5-8. IQ1833 Buffers DC Electrical Characteristics (continued) over operating free-air temperature range (unless otherwise noted) PARAMETER MIN NOM MAX UNIT 1.8-V Mode VIH Input high-level threshold 0.75 * VDDS V VIL Input low-level threshold 0.25 * VDDS V VHYS Input hysteresis voltage 100 mV IIN Input current at each I/O pin 2 11 µA CPAD Pad capacitance (including package capacitance) 1 pF 3.3-V Mode VIH Input high-level threshold 2.0 V VIL Input low-level threshold 0.6 V VHYS Input hysteresis voltage 400 mV IIN Input current at each I/O pin 5 11 µA CPAD Pad capacitance (including package capacitance) 1 pF (1) VDDS in this table stands for corresponding power supply (i.e. vddshv1). For more information on the power supply name and the corresponding ball, see Table 4-1, POWER [10] column. Table 5-9. IHHV1833 Buffers DC Electrical Characteristics over operating free-air temperature range (unless otherwise noted) PARAMETER MIN NOM MAX UNIT Signal Names in MUXMODE 0: porz; Balls ABF: G3; 1.8-V Mode VIH Input high-level threshold 1.2 V VIL Input low-level threshold 0.4 V VHYS Input hysteresis voltage 40 mV IIN Input current at each I/O pin 0.02 1 µA CPAD Pad capacitance (including package capacitance) 1 pF 3.3-V Mode VIH Input high-level threshold 1.2 V VIL Input low-level threshold 0.4 V VHYS Input hysteresis voltage 40 mV IIN Input current at each I/O pin 5 8 µA CPAD Pad capacitance (including package capacitance) 1 pF Table 5-10. LVCMOS Analog OSC Buffers DC Electrical Characteristics over operating free-air temperature range (unless otherwise noted) PARAMETER DESCRIPTION MIN NOM MAX UNIT Signal Names in MUXMODE 0: xi_osc0, xo_osc0, xi_osc1, xo_osc1; Balls ABF: E22, D22, B21, C21; VIH Input high-level threshold 0.65*VDDS V VIL Input low-level threshold 0.35*VDDS V IOH hfenable=0 1.18 mA hfenable=1 2 mA IOL hfenable=0 2 mA hfenable=1 3.2 mA VHYS Input hysteresis voltage MODE-1 150 mV |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |