| Electronic Components Datasheet Search |
|
DM505 Datasheet(PDF) 81 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM505 Datasheet(HTML) 81 Page - Texas Instruments |
|
81 / 290 page ![]() 81 DM505 www.ti.com SPRS976D – NOVEMBER 2016 – REVISED JULY 2017 Submit Documentation Feedback Specifications Copyright © 2016–2017, Texas Instruments Incorporated 5.5 Operating Performance Points This section describes the operating conditions of the device. This section also contains the description of each OPP (operating performance point) for processor clocks and device core clocks. Table 5-1 describes the maximum supported frequency per speed grade for the devices. Table 5-1. Speed Grade Maximum Frequency Device Speed Maximum frequency (MHz) DSP EVE IPU ISS L3 DDR3/DDR3L DDR2 LPDDR2 ADC DM505xxR 745 667 212.8 212.8 266 532 (DDR-1066) 400 (DDR-800) 333 (DDR-667) 20 5.5.1 AVS Requirements Adaptive Voltage Scaling (AVS) is required on most of the vdd_* supplies as defined in Table 5-2. Table 5-2. AVS Requirements per vdd_* Supply Supply AVS Required? vdd Yes, for all OPPs vdd_dspeve Yes, for all OPPs 5.5.2 Voltage And Core Clock Specifications Table 5-3 shows the recommended OPP per voltage domain. Table 5-3. Voltage Domains Operating Performance Points DOMAIN CONDITION OPP_NOM OPP_OD OPP_HIGH MIN (2) NOM (1) MAX (2) MIN (2) NOM (1) MAX (2) MIN (2) NOM (1) MAX DC (3) MAX (2) VD_CORE (V) BOOT (Before AVS is enabled) (4) 1.02 1.06 1.11 Not Applicable Not Applicable After AVS is enabled (4) AVS Voltage (5) – 3.5% AVS Voltage (5) 1.11 Not Applicable Not Applicable VD_DSPEVE (V) BOOT (Before AVS is enabled) (4) 1.02 1.06 1.11 Not Applicable Not Applicable After AVS is enabled (4) AVS Voltage (5) – 3.5% AVS Voltage (5) 1.11 AVS Voltage (5) – 3.5% AVS Voltage (5) AVS Voltage (5) + 5% AVS Voltage (5) – 3.5% AVS Voltage (5) AVS Voltage (5) + 2% AVS Voltage (5) + 5% (1) In a typical implementation, the power supply should target the NOM voltage. (2) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc. (3) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH (Power-On-Hours). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball. (4) For all OPPs, AVS must be enabled to avoid impact on device reliability, lifetime POH (Power-On-Hours), and device power. (5) The AVS voltages are device-dependent, voltage domain-dependent, and OPP-dependent. They must be read from the STD_FUSE_OPP. For information about STD_FUSE_OPP Registers address, please refer to Control Module Section of the TRM. The power supply should be adjustable over the following ranges for each required OPP: – OPP_NOM: 0.85V - 1.06V – OPP_OD: 0.94V - 1.15V – OPP_HIGH: 1.05V - 1.25V The AVS Voltages will be within the above specified ranges. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |