Electronic Components Datasheet Search
  English  ▼

X  

TIOS101 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS101
Description  Digital Sensor Output Drivers with Integrated Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOS101 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TIOS101 Datasheet HTML 17Page - Texas Instruments TIOS101 Datasheet HTML 18Page - Texas Instruments TIOS101 Datasheet HTML 19Page - Texas Instruments TIOS101 Datasheet HTML 20Page - Texas Instruments TIOS101 Datasheet HTML 21Page - Texas Instruments TIOS101 Datasheet HTML 22Page - Texas Instruments TIOS101 Datasheet HTML 23Page - Texas Instruments TIOS101 Datasheet HTML 24Page - Texas Instruments TIOS101 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Time 10 ms/div
Time 10 ms/div
Time 10 ms/div
21
TIOS101
www.ti.com
SLLSEV6 – JULY 2017
Product Folder Links: TIOS101
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 23. OUT In Current Fault Auto Recovery,
High Side Mode
1.5-H
Induct
or
With =
100 Ω
RSET =
OPEN
Figure 24. OUT Driving, Low Side Mode
1.5-H Inductor
With = 100 Ω
RSET = OPEN
Figure 25. OUT Driving, High Side Mode
10 Power Supply Recommendations
The TIOS101 and TIOS101-x are designed to operate from a 24-V nominal supply at VCC, which can vary by
+12 V and -17 V from the nominal value to remain within the device's recommended supply voltage range of 7 V
to 36 V. This supply should be buffered with at least a 100-nF/100-V capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com