Electronic Components Datasheet Search
  English  ▼

X  

TIOS101 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS101
Description  Digital Sensor Output Drivers with Integrated Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOS101 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TIOS101 Datasheet HTML 9Page - Texas Instruments TIOS101 Datasheet HTML 10Page - Texas Instruments TIOS101 Datasheet HTML 11Page - Texas Instruments TIOS101 Datasheet HTML 12Page - Texas Instruments TIOS101 Datasheet HTML 13Page - Texas Instruments TIOS101 Datasheet HTML 14Page - Texas Instruments TIOS101 Datasheet HTML 15Page - Texas Instruments TIOS101 Datasheet HTML 16Page - Texas Instruments TIOS101 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TIOS101
TIOS101
VCC
OUT
GND
DC
RL
TIOS101
VCC
OUT
GND
DC
RL
TIOS101
VCC
OUT
GND
DC
RL
TIOS101
VCC
OUT
GND
DC
RL
TIOS101
VCC
OUT
GND
DC
RL
VCC
OUT
GND
DC
RL
Correct
Configuration
Copyright © 2017, Texas Instruments Incorporated
Reverse Polarity Protected
Fault Conditions
Reverse Polarity Protected
Fault Conditions
Reverse Polarity Protected
Fault Conditions
Reverse Polarity Protected
Fault Conditions
Reverse Polarity Protected
Fault Conditions
13
TIOS101
www.ti.com
SLLSEV6 – JULY 2017
Product Folder Links: TIOS101
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.7 Reverse Polarity Protection
Reverse polarity protection circuitry protects the devices against accidental reverse polarity connections to the
VCC, OUT and GND pins. The maximum voltage between any of the pins may not exceed 55 V DC at any time.
Figure 11 and Figure 12 shows all the possible connection combinations.
Figure 11. High-Side Driver Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com