Electronic Components Datasheet Search
  English  ▼

X  

TIOS101 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS101
Description  Digital Sensor Output Drivers with Integrated Surge Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOS101 Datasheet(HTML) 3 Page - Texas Instruments

  TIOS101 Datasheet HTML 1Page - Texas Instruments TIOS101 Datasheet HTML 2Page - Texas Instruments TIOS101 Datasheet HTML 3Page - Texas Instruments TIOS101 Datasheet HTML 4Page - Texas Instruments TIOS101 Datasheet HTML 5Page - Texas Instruments TIOS101 Datasheet HTML 6Page - Texas Instruments TIOS101 Datasheet HTML 7Page - Texas Instruments TIOS101 Datasheet HTML 8Page - Texas Instruments TIOS101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
3
4
5
10
9
8
7
6
Thermal Pad
VCC_IN/OUT
NFAULT
NC
IN
EN
NC
VCC
OUT
GND
ILIM_ADJ
3
TIOS101
www.ti.com
SLLSEV6 – JULY 2017
Product Folder Links: TIOS101
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DMW Package
10-Pin (VSON)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OUT
8
O
Switch output
VCC
9
POWER
Supply voltage (24 V nominal)
GND
7
POWER
Device ground
EN
5
I
Driver enable input signal from the local controller. Logic low sets the OUT output at Hi-Z. Weak internal pull-
down.
IN
4
I
Transmit data input from the local controller. No effect if EN is low. Logic high sets low-side switch. Logic low
sets high-side switch. Weak internal pull-up.
VCC_IN/OUT
1
POWER
3.3-V or 5-V linear regulator output; external 3.3-V or 5-V logic supply input for option without LDO.
ILIM_ADJ
6
I
Input for current limit adjustment. Connect resistor RSET between ILIM_ADJ and GND.
NFAULT
2
OPEN-DRAIN
Fault indicator output signal to the microcontroller. A low level indicates either an over- current, an
undervoltage in supply or an overtemperature condition. Connect this pin via pull-up resistor to VCC_IN/OUT.
NC
3, 10
—
No internal connection.
Thermal Pad
—
—
Connect to GND plane for optimal thermal and electrical performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com