Electronic Components Datasheet Search
  English  ▼

X  

TUSB546AI-DCI Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB546AI-DCI
Description  USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB546AI-DCI Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB546AI-DCI Datasheet HTML 12Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 13Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 14Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 15Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 16Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 17Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 18Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 19Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
16
TUSB546A-DCI
SLLSF14 – JUNE 2017
www.ti.com
Product Folder Links: TUSB546A-DCI
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 USB 3.1
The TUSB546A-DCI supports USB 3.1 Gen1 datarates up to 5 Gbps. The TUSB546A-DCI supports all the USB
defined power states (U0, U1, U2, and U3). Because the TUSB546A-DCI is a linear redriver, it can’t decode
USB3.1 physical layer traffic. The TUSB546A-DCI monitors the actual physical layer conditions like receiver
termination, electrical idle, LFPS, and SuperSpeed signaling rate to determine the USB power state of the USB
3.1 interface.
The TUSB546A-DCI features an intelligent low frequency periodic signaling (LFPS) detector. The LFPS detector
automatically senses the low frequency signals and disables receiver equalization functionality. When not
receiving LFPS, the TUSB546A-DCI will enable receiver equalization based on the EQ[1:0] and SSEQ[1:0] pins
or values programmed into EQ1_SEL, EQ2_SEL, and SSEQ_SEL registers.
8.3.2 DisplayPort
The TUSB546A-DCI supports up to 4 DisplayPort lanes at datarates up to 8.1Gbps (HBR3). The TUSB546A-
DCI, when configured in DisplayPort mode, monitors the native AUX traffic as it traverses between DisplayPort
source and DisplayPort sink. For the purposes of reducing power, the TUSB546A-DCI manages the number of
active DisplayPort lanes based on the content of the AUX transactions. The TUSB546A-DCI snoops native AUX
writes
to
DisplayPort
sink’s
DPCD
registers
0x00101
(LANE_COUNT_SET)
and
0x00600
(SET_POWER_STATE). TUSB546A-DCI disables/enables lanes based on value written to LANE_COUNT_SET.
The TUSB546A-DCI disables all lanes when SET_POWER_STATE is in the D3. Otherwise active lanes will be
based on value of LANE_COUNT_SET.
DisplayPort AUX snooping is enabled by default but can be disabled by changing the AUX_SNOOP_DISABLE
register. Once AUX snoop is disabled, management of TUSB546A-DCI DisplayPort lanes are controlled through
various configuration registers. When TUSB546A-DCI is enabled for GPIO mode (I2C_EN = "0"), the CAD_SNK
pin can be used to disable AUX snooping. When CAD_SNK pin is high, the AUX snooping functionality is
disabled and all four DisplayPort lanes will be active.
8.3.3 4-level Inputs
The TUSB546A-DCI has (I2C_EN, EQ[1:0], DPEQ[1:0], and SSEQ[1:0]) 4-level inputs pins that are used to
control the equalization gain and place TUSB546A-DCI into different modes of operation. These 4-level inputs
utilize a resistor divider to help set the 4 valid levels and provide a wider range of control settings. There is an
internal 30 k
Ω pull-up and a 94 kΩ pull-down. These resistors, together with the external resistor connection
combine to achieve the desired voltage level.
Table 1. 4-Level Control Pin Settings
LEVEL
SETTINGS
0
Option 1: Tie 1 K
Ω 5% to GND.
Option 2: Tie directly to GND.
R
Tie 20 K
Ω 5% to GND.
F
Float (leave pin open)
1
Option 1: Tie 1 K
Ω 5%to VCC.
Option 2: Tie directly to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com