Electronic Components Datasheet Search
  English  ▼

X  

TUSB546AI-DCI Datasheet(PDF) 31 Page - Texas Instruments

Part # TUSB546AI-DCI
Description  USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB546AI-DCI Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB546AI-DCI Datasheet HTML 27Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 28Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 29Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 30Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 31Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 32Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 33Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 34Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A12
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B1
GND
GND
GND
GND
TXP2
TXN2
VBUS
VBUS
VBUS
VBUS
RXP2
RXN2
SBU1
DN1
DP1
CC1
TXN1
TXP1
RXP1
RXN1
SBU2
CC2
DP2
DN2
RX2P
RX2N
TX2P
TX2N
TX1N
TX1P
RX1N
RX1P
SBU1
SBU2
SSTXP
SSTXN
SSRXP
SSRXN
DP0P
DP0N
DP1P
DP1N
DP2P
DP2N
DP3P
DP3N
AUXP
AUXN
SSRXP
SSRXN
SSTXP
SSTXN
AUXP
AUXN
DP_PWR (3.3V)
100K
100K
100 nF
100 nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
100nF
DP_ML0P
DP_ML0N
DP_ML1P
DP_ML1N
DP_ML2P
DP_ML2N
DP_ML3P
DP_ML3N
USB 3.1 Host
DP1.4
GPU
USB Type-C
Receptacle
FLIP/SCL
CTL0/SDA
CTL1/HPDIN
2M
2M
Type-C
PD
Controller
I2C_EN
SSEQ0/A0
SSEQ1
DPEQ0/A1
DPEQ1
EQ0
EQ1
R
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
R
VI2C
100nF
10PF
3.3V
100nF
100nF
100nF
Copyright © 2016, Texas Instruments Incorporated
DCI_CLK
DCI_DAT
»
»
To PCH DCI
Clock Input
To PCH DCI
DATA Input
22O
22O
31
TUSB546A-DCI
www.ti.com
SLLSF14 – JUNE 2017
Product Folder Links: TUSB546A-DCI
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 28. Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com