Electronic Components Datasheet Search
  English  ▼

X  

TUSB546AI-DCI Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB546AI-DCI
Description  USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB546AI-DCI Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB546AI-DCI Datasheet HTML 10Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 11Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 12Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 13Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 14Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 15Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 16Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 17Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
14
TUSB546A-DCI
SLLSF14 – JUNE 2017
www.ti.com
Product Folder Links: TUSB546A-DCI
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TUSB546A-DCI is a VESA USB Type-C Alt Mode redriving switch supporting data rates up to 8.1 Gbps for
downstream facing port. These devices utilize 5th generation USB redriver technology. The devices are utilized
for DFP configurations C, D, E, and F from the VESA DisplayPort Alt Mode on USB Type-C.
The TUSB546A-DCI provides several levels of receive equalization to compensate for cable and board trace loss
due to inter-symbol interference (ISI) when USB 3.1 Gen1 or DisplayPort 1.4 signals travel across a PCB or
cable. This device requires a 3.3-V power supply. It comes in a commercial temperature range and industrial
temperature range.
For a host application the TUSB546A-DCI enables the system to pass both transmitter compliance and receiver
jitter tolerance tests for USB 3.1 Gen 1 and DisplayPort version 1.4 HBR3. The re-driver recovers incoming data
by applying equalization that compensates for channel loss, and drives out signals with a high differential
voltage. Each channel has a receiver equalizer with selectable gain settings. The equalization should be set
based on the amount of insertion loss before the TUSB546A-DCI receivers. Independent equalization control for
each channel can be set using EQ[1:0], SSEQ[1:0], and DPEQ[1:0] pins.
The TUSB546A-DCI advanced state machine makes it transparent to hosts and devices. After power up, the
TUSB546A-DCI. periodically performs receiver detection on the TX pairs. If it detects a USB 3.1 Gen1 receiver,
the RX termination is enabled, and the TUSB546A-DCI is ready to re-drive.
The device ultra-low-power architecture operates at a 3.3-V power supply and achieves Enhanced performance.
The automatic LFPS De-Emphasis control further enables the system to be USB3.1 compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com