Electronic Components Datasheet Search
  English  ▼

X  

HD29028 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD29028
Description  Dual CCD Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29028 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD29028 Datasheet HTML 3Page - Renesas Technology Corp HD29028 Datasheet HTML 4Page - Renesas Technology Corp HD29028 Datasheet HTML 5Page - Renesas Technology Corp HD29028 Datasheet HTML 6Page - Renesas Technology Corp HD29028 Datasheet HTML 7Page - Renesas Technology Corp HD29028 Datasheet HTML 8Page - Renesas Technology Corp HD29028 Datasheet HTML 9Page - Renesas Technology Corp HD29028 Datasheet HTML 10Page - Renesas Technology Corp HD29028 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
HD29026A/29027/29028
5
推奨動作条件
項 目
記号
Min
Typ
Max
単位
電源電圧
HD29026A
V
CC
812
13
V
HD29027
4.5
6.0
8.0
HD29028
8
9
13
動作温度範囲
Ta
–20
25
75
℃
DC
電気的特性
(Ta = –20
∼ +75℃)
項 目
記号
Min
Typ
Max
単位
測定条件
入力電圧
V
IH
2.0
——
V
V
IL
——
0.6
出力電圧
V
OH
V
CC –1
——
VV
IL = 0.6 V, I OH = –1 mA
V
OL
——
0.5
V
IH = 2.0 V, I OL = 1 mA
入力電流
I
IH
——
20
µA V
I = 2.7 V
HD29026A/28
I
IL
——
–100
V
I = 0.4 V
HD29027
——
–200
電源電流
HD29026A
I
CCH
——
12
mA
HD29027
——
20
HD29028
——
15
HD29026A
I
CCL
——
20
HD29027
——
30
HD29028
——
25
入力電流
I
I
——
100
µA V
I = 7 V
入力クランプ電圧
V
IK
——
–1.5
V
I
IN = –18mA
【注】 1. HD29026A, HD29028 の電源電圧は V
CC = 8 ∼ 13 V, HD29027 の電源電圧は 4.5 ∼ 8 V です。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com