Electronic Components Datasheet Search
  English  ▼

X  

HD29028 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD29028
Description  Dual CCD Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29028 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD29028 Datasheet HTML 10Page - Renesas Technology Corp HD29028 Datasheet HTML 11Page - Renesas Technology Corp HD29028 Datasheet HTML 12Page - Renesas Technology Corp HD29028 Datasheet HTML 13Page - Renesas Technology Corp HD29028 Datasheet HTML 14Page - Renesas Technology Corp HD29028 Datasheet HTML 15Page - Renesas Technology Corp HD29028 Datasheet HTML 16Page - Renesas Technology Corp HD29028 Datasheet HTML 17Page - Renesas Technology Corp HD29028 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
HD29026A/29027/29028
15
外形寸法図
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
DP-8
Conforms
Conforms
0.54 g
Unit: mm
1
4
5
8
9.6
10.6 Max
0.89
1.3
2.54
± 0.25
0.48
± 0.10
7.62
0.25
+ 0.10
– 0.05
0
° – 15°
1.27 Max
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
FP-8D
—
Conforms
0.10 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
4.85
0.75 Max
0.40
± 0.06
0.60
+ 0.25
– 0.18
*0.42
± 0.08
0.12
0.15
0
° – 8°
M
8
5
1
4
1.05
5.25 Max
1.27
6.50
+ 0.25
– 0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com