Electronic Components Datasheet Search
  English  ▼

X  

IRKD166/14 Datasheet(PDF) 2 Page - International Rectifier

Part # IRKD166/14
Description  STANDARD RECOVERY DIODES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD166/14 Datasheet(HTML) 2 Page - International Rectifier

  IRKD166/14 Datasheet HTML 1Page - International Rectifier IRKD166/14 Datasheet HTML 2Page - International Rectifier IRKD166/14 Datasheet HTML 3Page - International Rectifier IRKD166/14 Datasheet HTML 4Page - International Rectifier IRKD166/14 Datasheet HTML 5Page - International Rectifier IRKD166/14 Datasheet HTML 6Page - International Rectifier IRKD166/14 Datasheet HTML 7Page - International Rectifier IRKD166/14 Datasheet HTML 8Page - International Rectifier IRKD166/14 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRK.166, .196, .236 Series
2
Bulletin I27116 rev. C 03/02
www.irf.com
I
RRM
Maximum peak reverse and
20
mA
T
J = 150
o
C
off-state leakage current
V
INS
RMS isolation voltage
3500
V
50Hz, circuit to base, all terminals shorted,
t = 1s
I
F(AV)
Max. average on-state current
165
195
230
A
180° conduction, half sine wave
@ Case temperature
100
100
100
°C
I
F(RMS) Max. RMS on-state current
260
305
360
A
I
FSM
Maximum peak, one-cycle
4000
4750
5500
A
t = 10ms No voltage
on-state, non-repetitive
4200
4980
5765
t = 8.3ms reapplied
surge current
3350
4000
4630
t = 10ms 100% V
RRM
3500
4200
4850
t = 8.3ms reapplied
Sine half wave,
I2t
Maximum I2t for fusing
80
113
151
KA2s
t = 10ms No voltage
Initial T
J = TJ max.
73
103
138
t = 8.3ms reapplied
56
80
107
t = 10ms 100% V
RRM
52
73
98
t = 8.3ms reapplied
I2
√t
Maximum I2
√t for fusing
798
1130
1516
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1 Low level value of threshold
0.73
0.69
0.7
V
(16.7% x
π x I
F(AV) < I < π x IF(AV)), @ TJ max.
voltage
V
F(TO)2 High level value of threshold
0.88
0.78
0.83
(I >
π x I
F(AV)), @ TJ max.
voltage
rt1
Low level value on-state
1.5
1.3
1.2
m
Ω
(16.7% x
π x I
F(AV) < I < π x IF(AV)), @ TJ max.
slope resistance
rt2
High level value on-state
1.26
1.2
1.07
(I >
π x I
F(AV)), @ TJ max.
slope resistance
V
FM
Maximum forward voltage drop
1.43
1.38
1.46
V
I
FM = π x IF(AV), TJ = 25°C, 180°conduction
Av. power = V
F(TO) x IF(AV) + r
f x (IF(RMS))
2
Parameter
IRK.166 IRK.196 IRK.236 Units Conditions
Forward Conduction
Blocking
Electrical Specifications
Voltage Ratings
Type number
Voltage V
RRM , Maximum repetitive
V
RSM , Maximum non-repetitive
I
RRM
Code
peak reverse voltage
peak reverse voltage
150°C
VV
m A
IRK.166
04
400
500
20
IRK.196
08
800
900
IRK.236
12
1200
1300
14
1400
1500
16
1600
1700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com