Electronic Components Datasheet Search
  English  ▼

X  

IRKD166/14 Datasheet(PDF) 10 Page - International Rectifier

Part # IRKD166/14
Description  STANDARD RECOVERY DIODES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD166/14 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRKD166/14 Datasheet HTML 4Page - International Rectifier IRKD166/14 Datasheet HTML 5Page - International Rectifier IRKD166/14 Datasheet HTML 6Page - International Rectifier IRKD166/14 Datasheet HTML 7Page - International Rectifier IRKD166/14 Datasheet HTML 8Page - International Rectifier IRKD166/14 Datasheet HTML 9Page - International Rectifier IRKD166/14 Datasheet HTML 10Page - International Rectifier IRKD166/14 Datasheet HTML 11Page - International Rectifier IRKD166/14 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRK.166, .196, .236 Series
10
Bulletin I27116 rev. C 03/02
www.irf.com
0
255075
1 0 0
1 2 5
1 5 0
Maximum A llo w ab le Am bient Tem pe ra ture ( C )
0.7 K/W
0.16
K /W
0.1
K/W
0.0
6
K/W
0.0
4
K/
W
0.3 K/W
0
255075
1 0 0
1 2 5
1 5 0
Maximum A llo w ab le Am bient Tem pe ra ture ( C )
0.4 K/W
0.25
K /W
0.16
K /W
0.0
8
K/W
0.0
6
K/
W
0.1
2 K
/W
0
2 5
50
7 5
1 00
12 5
1 50
M axim um A llo w ab le Am bie nt Temperature ( C )
0.7
K/W
0 .5
K/W
0.3
5
K/W
0.2
5
K/
W
Fig.25 - On State Power Loss Characteristics
Fig.26 - On State Power Loss Characteristics
Fig.27- On State Power Loss Characteristics
0
50
100
150
200
250
300
350
400
450
0
5 0
100
150
200
250
300
350
To ta l R M S O ut p ut C urre n t (A )
DC
IRK .236.. Se rie s
Pe r Junc tion
T
= 150 C
J
0
20 0
40 0
60 0
80 0
10 0 0
12 0 0
14 0 0
16 0 0
0
1 0 0
2 0 030 0
40 050 0
To tal O utp ut C urrent (A )
180
(S in e )
180
(Re ct)
2 x IRK.236.. Series
Single Phase Brid ge
C o nnected
T
= 15 0 C
J
0
50 0
100 0
150 0
200 0
250 0
0
1 00
2 00
30 0
40 0
5 00
6 00
7 00
To tal O utp ut C urrent (A )
120
(Rect)
3 x IRK .236.. Series
Three P hase Brid g e
C o nnected
T
= 15 0 C
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com